Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UA7805CKCSE3 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części UA7805CKCSE3
Szczegółowy opis  FIXED POSITIVE VOLTAGE REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

UA7805CKCSE3 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button UA7805CKCSE3 Datasheet HTML 4Page - Texas Instruments UA7805CKCSE3 Datasheet HTML 5Page - Texas Instruments UA7805CKCSE3 Datasheet HTML 6Page - Texas Instruments UA7805CKCSE3 Datasheet HTML 7Page - Texas Instruments UA7805CKCSE3 Datasheet HTML 8Page - Texas Instruments UA7805CKCSE3 Datasheet HTML 9Page - Texas Instruments UA7805CKCSE3 Datasheet HTML 10Page - Texas Instruments UA7805CKCSE3 Datasheet HTML 11Page - Texas Instruments UA7805CKCSE3 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
R1
0.33
µF
Input
Output
µA78xx
0.1
µF
IO
R2
V
O + Vxx )
Vxx
R1 )
I
Q R2
A:
The following formula is used when Vxx is the nominal output voltage (output to common) of the fixed regulator:
OUT
IN
G
−VO
COM
+
VI
IL
µA78xx
+VO
+V
0.1
µF
0.33
µF
µA78xx
μA7800 SERIES
SLVS056O – MAY 1976 – REVISED AUGUST 2012
www.ti.com
uA7824 Electrical Characteristics (continued)
at specified virtual junction temperature, VI = 33 V, IO = 500 mA (unless otherwise noted)
μA7824C
PARAMETER
TEST CONDITIONS
TJ
(1)
UNIT
MIN
TYP
MAX
IO = 5 mA to 1.5 A
12
480
Output voltage regulation
25°C
mV
IO = 250 mA to 750 mA
4
240
Output resistance
f = 1 kHz
0°C to 125°C
0.028
Temperature coefficient of output voltage
IO = 5 mA
0°C to 125°C
–1.5
mV/°C
Output noise voltage
f = 10 Hz to 100 kHz
25°C
170
μV
Dropout voltage
IO = 1 A
25°C
2
V
Bias current
25°C
4.6
8
mA
VI = 27 V to 38 V
1
Bias current change
0°C to 125°C
mA
IO = 5 mA to 1 A
0.5
Short-circuit output current
25°C
150
mA
Peak output current
25°C
2.1
A
APPLICATION INFORMATION
Figure 2. Fixed-Output Regulator
Figure 3. Positive Regulator in Negative Configuration (VI Must Float)
Figure 4. Adjustable-Output Regulator
8
Submit Documentation Feedback
Copyright © 1976–2012, Texas Instruments Incorporated


Podobny numer części - UA7805CKCSE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UA7805CKCSE3 TI1-UA7805CKCSE3 Datasheet
1Mb / 29P
[Old version datasheet]   Fixed Positive Voltage Regulators
UA7805CKCSE3 TI1-UA7805CKCSE3 Datasheet
1Mb / 26P
[Old version datasheet]   Fixed Positive Voltage Regulators
More results

Podobny opis - UA7805CKCSE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCT TI1-UA7805CKCT Datasheet
807Kb / 7P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7808 TI1-UA7808_16 Datasheet
1Mb / 29P
[Old version datasheet]   Fixed Positive Voltage Regulators
UA7805 TI1-UA7805 Datasheet
1Mb / 26P
[Old version datasheet]   Fixed Positive Voltage Regulators
UA7800 TI1-UA7800_12 Datasheet
122Kb / 12P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
logo
Diotec Semiconductor
DI78M05UAB DIOTEC-DI78M05UAB Datasheet
721Kb / 3P
   Positive Fixed Voltage Regulators Positive Festspannungs-Regler
Version 2021-09-30
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78T00 ONSEMI-MC78T00 Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
logo
Motorola, Inc
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com