Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UA7805CKC Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części UA7805CKC
Szczegółowy opis  FIXED POSITIVE VOLTAGE REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

UA7805CKC Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button UA7805CKC Datasheet HTML 5Page - Texas Instruments UA7805CKC Datasheet HTML 6Page - Texas Instruments UA7805CKC Datasheet HTML 7Page - Texas Instruments UA7805CKC Datasheet HTML 8Page - Texas Instruments UA7805CKC Datasheet HTML 9Page - Texas Instruments UA7805CKC Datasheet HTML 10Page - Texas Instruments UA7805CKC Datasheet HTML 11Page - Texas Instruments UA7805CKC Datasheet HTML 12Page - Texas Instruments UA7805CKC Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
µA78xx
+VO
+VI
−VO
1N4001
or
Equivalent
µA7815C
0.1
µF
1N4001
0.1
µF
1N4001
0.33
µF
2
µF
1N4001
1N4001
VO = 15 V
VO = −15 V
20-V Input
−20-V Input
µA7915C
1
µF
VO(Reg)
R1
Input
IO
IO = (VO/R1) + IO Bias Current
0.33
µF
µA78xx
Output
μA7800 SERIES
www.ti.com
SLVS056O – MAY 1976 – REVISED AUGUST 2012
Figure 5. Current Regulator
Figure 6. Regulated Dual Supply
Operation With a Load Common to a Voltage of Opposite Polarity
In many cases, a regulator powers a load that is not connected to ground but, instead, is connected to a voltage
source of opposite polarity (e.g., operational amplifiers, level-shifting circuits, etc.). In these cases, a clamp diode
should be connected to the regulator output as shown in Figure 7. This protects the regulator from output polarity
reversals during startup and short-circuit operation.
Figure 7. Output Polarity-Reversal-Protection Circuit
Reverse-Bias Protection
Occasionally, the input voltage to the regulator can collapse faster than the output voltage. This can occur, for
example, when the input supply is crowbarred during an output overvoltage condition. If the output voltage is
greater than approximately 7 V, the emitter-base junction of the series-pass element (internal or external) could
break down and be damaged. To prevent this, a diode shunt can be used as shown in Figure 8.
Copyright © 1976–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9


Podobny numer części - UA7805CKC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UA7805CKC TI-UA7805CKC Datasheet
697Kb / 19P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA7805CKC TI-UA7805CKC Datasheet
697Kb / 19P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA7805CKC TI1-UA7805CKC Datasheet
1Mb / 29P
[Old version datasheet]   Fixed Positive Voltage Regulators
UA7805CKCE3 TI1-UA7805CKCE3 Datasheet
1Mb / 29P
[Old version datasheet]   Fixed Positive Voltage Regulators
UA7805CKCS TI-UA7805CKCS Datasheet
697Kb / 19P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

Podobny opis - UA7805CKC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCT TI1-UA7805CKCT Datasheet
807Kb / 7P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7808 TI1-UA7808_16 Datasheet
1Mb / 29P
[Old version datasheet]   Fixed Positive Voltage Regulators
UA7805 TI1-UA7805 Datasheet
1Mb / 26P
[Old version datasheet]   Fixed Positive Voltage Regulators
UA7800 TI1-UA7800_12 Datasheet
122Kb / 12P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
logo
Diotec Semiconductor
DI78M05UAB DIOTEC-DI78M05UAB Datasheet
721Kb / 3P
   Positive Fixed Voltage Regulators Positive Festspannungs-Regler
Version 2021-09-30
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78T00 ONSEMI-MC78T00 Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
logo
Motorola, Inc
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com