Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UA7805CKCT Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części UA7805CKCT
Szczegółowy opis  FIXED POSITIVE VOLTAGE REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

UA7805CKCT Arkusz danych(HTML) 3 Page - Texas Instruments

  UA7805CKCT Datasheet HTML 1Page - Texas Instruments UA7805CKCT Datasheet HTML 2Page - Texas Instruments UA7805CKCT Datasheet HTML 3Page - Texas Instruments UA7805CKCT Datasheet HTML 4Page - Texas Instruments UA7805CKCT Datasheet HTML 5Page - Texas Instruments UA7805CKCT Datasheet HTML 6Page - Texas Instruments UA7805CKCT Datasheet HTML 7Page - Texas Instruments UA7805CKCT Datasheet HTML 8Page - Texas Instruments UA7805CKCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
INPUT
OUTPUT
COMMON
μA7800 SERIES
www.ti.com
SLVS056O – MAY 1976 – REVISED AUGUST 2012
Figure 1. SCHEMATIC
Absolute Maximum Ratings
(1)
over virtual junction temperature range (unless otherwise noted)
MIN
MAX
UNIT
μA7824C
40
Vl
Input voltage
V
All others
35
TJ
Operating virtual junction temperature
150
°C
Lead temperature
1,6 mm (1/16 in) from case for 10 s
260
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Package Thermal Data
(1)
PACKAGE
BOARD
θJA
θJC
θJP
(2)
PowerFLEX (KTE) – OBSOLETE
High K, JESD 51-5
23°C/W
3°C/W
2.7°C/W
TO-220 (KCS), (KCT)
High K, JESD 51-5
19°C/W
17°C/W
3°C/W
(KC – OBSOLETE)
TO-263 (KTT)
High K, JESD 51-5
25.3°C/W
18°C/W
1.94°C/W
(1)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(2)
For packages with exposed thermal pads, such as QFN, PowerPAD™, or PowerFLEX,
θJP is defined as the thermal resistance between
the die junction and the bottom of the exposed pad.
Copyright © 1976–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3


Podobny numer części - UA7805CKCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UA7805CKCT TI1-UA7805CKCT Datasheet
807Kb / 7P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCT TI1-UA7805CKCT Datasheet
122Kb / 12P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCT TI-UA7805CKCT Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCT TI1-UA7805CKCT Datasheet
1Mb / 29P
[Old version datasheet]   Fixed Positive Voltage Regulators
UA7805CKCT TI1-UA7805CKCT Datasheet
1Mb / 26P
[Old version datasheet]   Fixed Positive Voltage Regulators
More results

Podobny opis - UA7805CKCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCT TI1-UA7805CKCT Datasheet
807Kb / 7P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7808 TI1-UA7808_16 Datasheet
1Mb / 29P
[Old version datasheet]   Fixed Positive Voltage Regulators
UA7805 TI1-UA7805 Datasheet
1Mb / 26P
[Old version datasheet]   Fixed Positive Voltage Regulators
UA7800 TI1-UA7800_12 Datasheet
122Kb / 12P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
logo
Diotec Semiconductor
DI78M05UAB DIOTEC-DI78M05UAB Datasheet
721Kb / 3P
   Positive Fixed Voltage Regulators Positive Festspannungs-Regler
Version 2021-09-30
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78T00 ONSEMI-MC78T00 Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
logo
Motorola, Inc
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com