Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT594 Arkusz danych(PDF) 8 Page - Diodes Incorporated

Numer części 74HCT594
Szczegółowy opis  8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HCT594 Arkusz danych(HTML) 8 Page - Diodes Incorporated

Back Button 74HCT594 Datasheet HTML 4Page - Diodes Incorporated 74HCT594 Datasheet HTML 5Page - Diodes Incorporated 74HCT594 Datasheet HTML 6Page - Diodes Incorporated 74HCT594 Datasheet HTML 7Page - Diodes Incorporated 74HCT594 Datasheet HTML 8Page - Diodes Incorporated 74HCT594 Datasheet HTML 9Page - Diodes Incorporated 74HCT594 Datasheet HTML 10Page - Diodes Incorporated 74HCT594 Datasheet HTML 11Page - Diodes Incorporated 74HCT594 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
74HCT594
Document number: DS35491 Rev. 2 - 2
8 of 12
www.diodes.com
June 2013
© Diodes Incorporated
74HCT594
Parameter Measurement Information
VCC
Inputs
VM
VI
tr/tf
4.5V
VCC
6ns
VCC/2
5.0V
VCC
6ns
VCC/2
Voltage Waveform
Pulse Duration and Recovery Time
Voltage Waveform
Set-up and Hold Times
Voltage Waveform
Propagation Delay Times
Inverting and Non Inverting Outputs
Notes: A . Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate ≤ 10 MHz
C. Inputs are measured separately one transition per measurement
D. tPLH and tPHL are the same as tPD
Figure 2. Load Circuit and Voltage Waveforms


Podobny numer części - 74HCT594

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT594 PHILIPS-74HCT594 Datasheet
71Kb / 10P
   8-bit shift register with output register
December 1991
74HCT594 NXP-74HCT594 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74HCT594 NEXPERIA-74HCT594 Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
logo
NXP Semiconductors
74HCT594D PHILIPS-74HCT594D Datasheet
71Kb / 10P
   8-bit shift register with output register
December 1991
74HCT594D NXP-74HCT594D Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
More results

Podobny opis - 74HCT594

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHC595 DIODES-74AHC595 Datasheet
319Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC594 DIODES-74HC594 Datasheet
260Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HCT595 DIODES-74HCT595 Datasheet
346Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHCT594 DIODES-74AHCT594 Datasheet
191Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC595 DIODES-74HC595 Datasheet
249Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com