Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQA28N50F Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FQA28N50F
Szczegółowy opis  500V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA28N50F Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FQA28N50F Datasheet HTML 1Page - Fairchild Semiconductor FQA28N50F Datasheet HTML 2Page - Fairchild Semiconductor FQA28N50F Datasheet HTML 3Page - Fairchild Semiconductor FQA28N50F Datasheet HTML 4Page - Fairchild Semiconductor FQA28N50F Datasheet HTML 5Page - Fairchild Semiconductor FQA28N50F Datasheet HTML 6Page - Fairchild Semiconductor FQA28N50F Datasheet HTML 7Page - Fairchild Semiconductor FQA28N50F Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A2, September 2001
020
40
60
80
100
120
0
2
4
6
8
10
12
V
DS
= 250V
V
DS = 100V
V
DS = 400V
※ Note: I
D = 28.4 A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
1500
3000
4500
6000
7500
9000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
10
1
10
2
25℃
150℃
※ Notes:
1. V
GS
= 0V
2. 250μ s Pulse Test
V
SD , Source-Drain Voltage [V]
0
20
40
60
80
100
120
140
0.0
0.1
0.2
0.3
0.4
0.5
※ Note : T
J = 25
V
GS = 20V
V
GS = 10V
I
D , Drain Current [A]
2468
10
10
-1
10
0
10
1
10
2
※ Notes :
1. V
DS = 50V
2. 250μ s Pulse Test
-55℃
150℃
25℃
V
GS , Gate-Source Voltage [V]
10
-1
10
0
10
1
10
0
10
1
10
2
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
Bottom: 5.5 V
※ Notes :
1. 250μ s Pulse Test
2. T
C = 25
V
DS, Drain-Source Voltage [V]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics


Podobny numer części - FQA28N50F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
FQA28N50F ISC-FQA28N50F Datasheet
275Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - FQA28N50F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com