Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5449YRU-REEL7 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD5449YRU-REEL7
Szczegółowy opis  Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5449YRU-REEL7 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD5449YRU-REEL7 Datasheet HTML 5Page - Analog Devices AD5449YRU-REEL7 Datasheet HTML 6Page - Analog Devices AD5449YRU-REEL7 Datasheet HTML 7Page - Analog Devices AD5449YRU-REEL7 Datasheet HTML 8Page - Analog Devices AD5449YRU-REEL7 Datasheet HTML 9Page - Analog Devices AD5449YRU-REEL7 Datasheet HTML 10Page - Analog Devices AD5449YRU-REEL7 Datasheet HTML 11Page - Analog Devices AD5449YRU-REEL7 Datasheet HTML 12Page - Analog Devices AD5449YRU-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD5429/AD5439/AD5449
Rev. C | Page 9 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0
50
100
150
200
250
CODE
TA = 25°C
VREF = 10V
VDD = 5V
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0
50
100
150
200
250
CODE
TA = 25°C
VREF = 10V
VDD = 5V
Figure 7. INL vs. Code (8-Bit DAC)
Figure 10. DNL vs. Code (8-Bit DAC)
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
200
400
600
800
1000
CODE
TA = 25°C
VREF = 10V
VDD = 5V
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
200
400
600
800
1000
CODE
TA = 25°C
VREF = 10V
VDD = 5V
Figure 8. INL vs. Code (10-Bit DAC)
Figure 11. DNL vs. Code (10-Bit DAC)
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
2000
1500
500
1000
0
2500
3000
3500
4000
CODE
TA = 25°C
VREF = 10V
VDD = 5V
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
2000
1500
500
1000
0
2500
3000
3500
4000
CODE
TA = 25°C
VREF = 10V
VDD = 5V
Figure 9. INL vs. Code (12-Bit DAC)
Figure 12. DNL vs. Code (12-Bit DAC)


Podobny numer części - AD5449YRU-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5449YRU-REEL7 AD-AD5449YRU-REEL7 Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5449YRU-REEL7 AD-AD5449YRU-REEL7 Datasheet
717Kb / 28P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5449YRU-REEL7 AD-AD5449YRU-REEL7 Datasheet
828Kb / 28P
   Multiplying DACs with Serial Interface
More results

Podobny opis - AD5449YRU-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5429 AD-AD5429_13 Datasheet
717Kb / 28P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5449 AD-AD5449_15 Datasheet
939Kb / 29P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5429 AD-AD5429 Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5429 AD-AD5429_15 Datasheet
939Kb / 29P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5439 AD-AD5439_15 Datasheet
939Kb / 29P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5426 AD-AD5426_13 Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com