Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9048TQ-883B Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD9048TQ-883B
Szczegółowy opis  Monolithic 8-Bit Video A/D Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9048TQ-883B Arkusz danych(HTML) 3 Page - Analog Devices

  AD9048TQ-883B Datasheet HTML 1Page - Analog Devices AD9048TQ-883B Datasheet HTML 2Page - Analog Devices AD9048TQ-883B Datasheet HTML 3Page - Analog Devices AD9048TQ-883B Datasheet HTML 4Page - Analog Devices AD9048TQ-883B Datasheet HTML 5Page - Analog Devices AD9048TQ-883B Datasheet HTML 6Page - Analog Devices AD9048TQ-883B Datasheet HTML 7Page - Analog Devices AD9048TQ-883B Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Test
AD9048JJ/JQ
AD9048KJ/KQ
AD9048SE/SQ
AD9048TE/TQ
Parameter (Conditions)
Temp
Level
Min
Typ
Max
Min
Typ Max
Min
Typ Max
Min Typ Max
Unit
AC LINEARITY
In-Band Harmonics
DC to 2.438 MHz
15
25
°CI
47
50
49
55
47
50
49
55
dBc
DC to 9.35 MHz
16
25
°CV
48
48
48
48
dBc
Signal-to-Noise Ratio (SNR)
15
1.248 MHz Input Frequency
17
25
°CI
43.5
44
45
46
43.5
44
45
46
dB
2.438 MHz Input Frequency
17
25
°CI
43
44
44
46
43
44
44
46
dB
1.248 MHz Input Frequency
18
25
°CI
52.5
53
54
55
52.5
53
54
55
dB
2.438 MHz Input Frequency
18
25
°CI
52
53
53
55
52
53
53
55
dB
Signal-to-Noise Ratio (SNR)
16
1.248 MHz Input Frequency
17
25
°CI
43.5
44
45
46
43.5
44
45
46
dB
9.35 MHz Input Frequency
17
25
°CV
40.5
40.5
40.5
40.5
dB
Noise Power Ratio (NPR)
19
25
°CIV
36.5
39
36.5
39
36.5
39
36.5 39
dB
Differential Phase
20
25
°CIV1
11
1Degree
Differential Gain
20
25
°CIV
2
2
2
2
%
DIGITAL OUTPUTS
Logic “1” Voltage
Full
VI
2.4
2.4
2.4
2.4
V
Logic “0” Voltage
Full
VI
0.5
0.5
0.5
0.5
V
Short Circuit Current
5
Full
VI
30
30
30
30
mA
POWER SUPPLY
Positive Supply Current
25
°CI
34
56
34
56
34
56
34
56
mA
Full
VI
58
58
58
58
mA
Negative Supply Current
25
°CI
90
110
90
110
90
110
90
110
mA
Full
VI
120
120
120
120
mA
Nominal Power Dissipation
25
°CV
550
550
550
550
mW
Reference Ladder Dissipation
25
°CV
45
45
45
45
mW
NOTES
1Maximum ratings are limiting values to be applied individually, and beyond which
the serviceability of the device may be impaired. Functional operation under any of
these conditions is not necessarily implied. Exposure to absolute maximum rating
conditions for extended periods of time may affect device reliability.
2Applied voltage must be current-limited to specified range.
3Forcing voltage must be limited to specified range.
4Current is specified as negative when flowing into the device.
5Output High; one pin to ground; 1s duration.
6Typical thermal impedances (no air flow) are as follows:
Ceramic DIP:
θ
JA = 49
°C/W, θ
JC = 15
°C/W; LCC: θ
JA = 69
°C/W, θ
JC = 21
°C/W;
JLCC:
θ
JA = 59
°C/W; θ
JC = 19
°C/W.
To calculate junction temperature (TJ), use power dissipation (PD) and thermal
impedance: TJ = PD (
θ
JA) + TAMBIENT = PD (
θ
JC) = + TCASE.
7Measured with V
IN = 0 V and CONVERT low (sampling mode).
8Determined by beat frequency testing for no missing codes.
9V
RT
≥ V
RB under all circumstances.
10Outputs terminated with 40 pF and eight 10
Ω pull-up resistors.
11Interval from 50% point of leading edge CONVERT pulse to change in
output data.
12For full-scale step input, 8-bit accuracy attained in specified time.
13Recovers to 8-bit accuracy in specified time after –3 V input overvoltage.
14Output time skew includes high-to-low and low-to-high transitions as well as
bit-to-bit time skew differences.
15Measured at 20 MHz encode rate with analog input 1 dB below full scale.
16Measured at 35 MHz encode rate with analog input 1 dB below full scale.
17RMS signal to rms noise.
18Peak signal to rms noise.
19DC to 8 MHz noise bandwidth with 1.248 MHz slot; four sigma loading;
20 MHz encode.
20Clock frequency = 4
× NTSC = 14.32 MHz. Measured with 40-IRE
modulated ramp.
Specifications subject to change without notice.
EXPLANATION OF TEST LEVELS
Test Level I
– 100% production tested.
Test Level II
– 100% production tested at 25
°C and
sample tested at specific temperatures.
Test Level III – Sample tested only.
Test Level IV – Parameter is guaranteed by design and
characterization testing.
Test Level V
– Parameter is a typical value only.
Test Level VI – All devices are 100% production tested at
25
°C. 100% production tested at temperature
extremes for military temperature devices;
sample tested at temperature extremes for
commercial/industrial devices.
AD9048
–3–
REV. F


Podobny numer części - AD9048TQ-883B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9048TQ AD-AD9048TQ Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
More results

Podobny opis - AD9048TQ-883B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9048 AD-AD9048 Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
AD9048 AD-AD9048_15 Datasheet
263Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. F
logo
List of Unclassifed Man...
AH8308EC ETC1-AH8308EC Datasheet
209Kb / 3P
   8-Bit RGB video d/a converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
List of Unclassifed Man...
ADC-321 ETC-ADC-321 Datasheet
174Kb / 8P
   8-Bit, 50MHz Video A/D Converter
logo
Murata Power Solutions ...
ADC-321 MURATA-PS-ADC-321 Datasheet
331Kb / 8P
   8-Bit, 50MHz Video A/D Converter
logo
List of Unclassifed Man...
AH8308E ETC1-AH8308E Datasheet
674Kb / 8P
   8-bit composite video d/a converter
logo
Analog Devices
AD1508 AD-AD1508_15 Datasheet
1Mb / 4P
   8 BIT MONOLITHIC MULTIPLYING D/A CONVERTER
logo
Sony Corporation
CXD1175AM SONY-CXD1175AM Datasheet
302Kb / 20P
   8-bit 20MSPS Video A/D Converter (CMOS)
logo
Intersil Corporation
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
   8-Bit, 35 MSPS, Video A/D Converter
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com