Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9048TQ-883B Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD9048TQ-883B
Szczegółowy opis  Monolithic 8-Bit Video A/D Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9048TQ-883B Arkusz danych(HTML) 5 Page - Analog Devices

  AD9048TQ-883B Datasheet HTML 1Page - Analog Devices AD9048TQ-883B Datasheet HTML 2Page - Analog Devices AD9048TQ-883B Datasheet HTML 3Page - Analog Devices AD9048TQ-883B Datasheet HTML 4Page - Analog Devices AD9048TQ-883B Datasheet HTML 5Page - Analog Devices AD9048TQ-883B Datasheet HTML 6Page - Analog Devices AD9048TQ-883B Datasheet HTML 7Page - Analog Devices AD9048TQ-883B Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD9048
–5–
REV. F
PIN FUNCTION DESCRIPTIONS
1k
LOAD
RESISTORS
0.1 F
(MSB) D1
D2
D3
D4
D5
D6
D7
(LSB) D8
ANALOG
GROUND
DIGITAL
GROUND
VEE
VCC
+5.0V
–5.2V
VIN
ALL RESISTORS
5%
ALL CAPACITORS
20%
ALL SUPPLY VOLTAGES
5%
OPTION #1 (STATIC): AD1 = –2.0V; AD2 = +2.4V
OPTION #2 (DYNAMIC): SEE WAVEFORMS
0V
–2.0V
VIH
VIL
5 s
RT
RB
CONVERT
100
510
AD1
AD2
–2.0V
0.1 F
AD1
AD2
640 s
AD9048
Figure 2. Burn-In Diagram
Mnemonic
Description
D1–D8
Eight Digital Outputs. D1 (MSB) is the most
significant bit of the digital output word;
D8 (LSB) is the least significant bit.
AGND
One of Two Analog Ground Returns. Both
grounds should be connected together and to
low impedance ground plane near the AD9048.
DGND
One of Two Digital Ground Returns. Both
grounds should be connected together and to
low impedance ground plane near the AD9048.
VCC
Positive Supply Terminals; Nominally 5.0 V
VEE
Negative Supply Terminals; Nominally –5.2 V
CONVERT
Input for Conversion Signal. Sample of analog
input signal taken on rising edge of this pulse.
Mnemonic
Description
RB
Most Negative Reference Voltage for Internal
Reference Ladder
RM
Midpoint Tap on Internal Reference Ladder
RT
Most Positive Reference Voltage for Internal
Reference Ladder
VIN
Analog Input Signal Pin
NMINV
“Not Most Significant Bit Invert.” In normal
operation, this pin floats high; logic LOW at
NMINV inverts most significant bit of digital
output word [D1 (MSB)].
NLINV
“Not Least Significant Bit Invert.” In normal
operation, this pin floats high; logic LOW at
NLINV inverts the seven least significant bits
of the digital output word.


Podobny numer części - AD9048TQ-883B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9048TQ AD-AD9048TQ Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
More results

Podobny opis - AD9048TQ-883B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9048 AD-AD9048 Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
AD9048 AD-AD9048_15 Datasheet
263Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. F
logo
List of Unclassifed Man...
AH8308EC ETC1-AH8308EC Datasheet
209Kb / 3P
   8-Bit RGB video d/a converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
List of Unclassifed Man...
ADC-321 ETC-ADC-321 Datasheet
174Kb / 8P
   8-Bit, 50MHz Video A/D Converter
logo
Murata Power Solutions ...
ADC-321 MURATA-PS-ADC-321 Datasheet
331Kb / 8P
   8-Bit, 50MHz Video A/D Converter
logo
List of Unclassifed Man...
AH8308E ETC1-AH8308E Datasheet
674Kb / 8P
   8-bit composite video d/a converter
logo
Analog Devices
AD1508 AD-AD1508_15 Datasheet
1Mb / 4P
   8 BIT MONOLITHIC MULTIPLYING D/A CONVERTER
logo
Sony Corporation
CXD1175AM SONY-CXD1175AM Datasheet
302Kb / 20P
   8-bit 20MSPS Video A/D Converter (CMOS)
logo
Intersil Corporation
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
   8-Bit, 35 MSPS, Video A/D Converter
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com