Zakładka z wyszukiwarką danych komponentów |
|
AD9048TQ-883B Arkusz danych(PDF) 6 Page - Analog Devices |
|
AD9048TQ-883B Arkusz danych(HTML) 6 Page - Analog Devices |
6 / 8 page AD9048 –6– REV. F THEORY OF OPERATION Refer to the Functional Block Diagram of the AD9048. The AD9048 comprises three functional sections: a comparator array, encoding logic, and output latches. Within the array, the analog input signal to be digitized is compared with 255 reference voltages. The outputs of all com- parators whose references are below the input signal level will be high; outputs whose references are above that level will be low. The n-of-255 code that results from this comparison is applied to the encoding logic where it is converted into binary coding. When it is inverted with dc signals applied to the NLINV and/or NMINV pins, it becomes twos complement. After encoding, the signal is applied to the output latch circuits where it is held constant between updates controlled by the application of CONVERT pulses. The AD9048 uses strobed latching comparators in which com- parator outputs are either high or low, as dictated by the analog input level. Data appearing at the output pins have a pipeline delay of one encode cycle. Input signal levels between the references applied to RT (Pin 18) and RB (Pin 26) will appear at the output as binary numbers between 0 and 255, inclusive. Signals outside that range will show up as either full-scale positive or full-scale negative out- puts. No damage will occur to the AD9048 as long as the input is within the voltage range of VEE to 0.5 V. The significantly reduced input capacitance of the AD9048 lowers the drive requirements of the input buffer/amplifier and also induces much smaller phase shift in the analog input signal. Applications that depend on controlled phase shift at the con- verter input can benefit from using the AD9048 because of its inherently lower phase shift. The CONVERT, analog input, and digital output circuits are shown in Figure 3. 5.0V 13k CONVERT 5.0V DIGITAL OUTPUTS ANALOG INPUT –5.2V –5.2V R RT R/2 R/2 RM –5.2V –5.2V R RB COMPARATOR CELLS Figure 3. Input/Output Circuits System timing, which provides details on delays through the AD9048 as well as the relationships of various timing events, is shown in Figure 4. N+1 N+2 N APERTURE DELAY DATA CHANGING ANALOG INPUT CONVERT OUTPUT DATA DATA CHANGING N+1 N–1 N t OH t PD Figure 4. Timing Diagram Dynamic performance of the AD9048, i.e., typical signal-to- noise ratio, is illustrated in Figures 5 and 6. ANALOG INPUT FREQUENCY – 1dB BELOW FULL-SCALE 50 46 38 10MHz 1MHz 100kHz 48 40 42 44 Figure 5. Dynamic Performance (20 MHz Encode Rate) ANALOG INPUT FREQUENCY – 1dB BELOW FULL-SCALE 50 46 38 10MHz 1MHz 100kHz 48 40 42 44 Figure 6. Dynamic Performance (35 MHz Encode Rate) |
Podobny numer części - AD9048TQ-883B |
|
Podobny opis - AD9048TQ-883B |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |