Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9959BCPZ Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD9959BCPZ
Szczegółowy opis  4-Channel, 500 MSPS DDS with 10-Bit DACs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9959BCPZ Arkusz danych(HTML) 4 Page - Analog Devices

  AD9959BCPZ Datasheet HTML 1Page - Analog Devices AD9959BCPZ Datasheet HTML 2Page - Analog Devices AD9959BCPZ Datasheet HTML 3Page - Analog Devices AD9959BCPZ Datasheet HTML 4Page - Analog Devices AD9959BCPZ Datasheet HTML 5Page - Analog Devices AD9959BCPZ Datasheet HTML 6Page - Analog Devices AD9959BCPZ Datasheet HTML 7Page - Analog Devices AD9959BCPZ Datasheet HTML 8Page - Analog Devices AD9959BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
AD9959
Rev. B | Page 4 of 44
SPECIFICATIONS
AVDD and DVDD = 1.8 V ± 5%; DVDD_I/O = 3.3 V ± 5%; T = 25°C; RSET = 1.91 kΩ; external reference clock frequency = 500 MSPS
(REFCLK multiplier bypassed), unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE CLOCK INPUT CHARACTERISTICS
See Figure 34 and Figure 35
Frequency Range
REFCLK Multiplier Bypassed
1
500
MHz
REFCLK Multiplier Enabled
10
125
MHz
Internal VCO Output Frequency Range
VCO Gain Control Bit Set High1
255
500
MHz
VCO Gain Control Bit Set Low1
100
160
MHz
Crystal REFCLK Source Range
20
30
MHz
Input Level
200
1000
mV
Measured at each pin (single-ended)
Input Voltage Bias Level
1.15
V
Input Capacitance
2
pF
Input Impedance
1500
Ω
Duty Cycle with REFCLK Multiplier Bypassed
45
55
%
Duty Cycle with REFCLK Multiplier Enabled
35
65
%
CLK Mode Select (Pin 24) Logic 1 Voltage
1.25
1.8
V
1.8 V digital input logic
CLK Mode Select (Pin 24) Logic 0 Voltage
0.5
V
1.8 V digital input logic
DAC OUTPUT CHARACTERISTICS
Must be referenced to AVDD
Resolution
10
Bits
Full-Scale Output Current
1.25
10
mA
Gain Error
10
+10
%FS
Channel-to-Channel Output Amplitude Matching Error
−2.5
+2.5
%
Output Current Offset
1
25
μA
Differential Nonlinearity
±0.5
LSB
Integral Nonlinearity
±1.0
LSB
Output Capacitance
3
pF
Voltage Compliance Range
AVDD − 0.50
AVDD + 0.50
V
Channel-to-Channel Isolation
65
dB
DAC supplies tied together
(see Figure 19)
WIDEBAND SFDR
The frequency range for wideband
SFDR is defined as dc to Nyquist
1 MHz to 20 MHz Analog Output
65
dBc
20 MHz to 60 MHz Analog Output
62
dBc
60 MHz to 100 MHz Analog Output
59
dBc
100 MHz to 150 MHz Analog Output
56
dBc
150 MHz to 200 MHz Analog Output
53
dBc
NARROW-BAND SFDR
1.1 MHz Analog Output (±10 kHz)
90
dBc
1.1 MHz Analog Output (±50 kHz)
88
dBc
1.1 MHz Analog Output (±250 kHz)
86
dBc
1.1 MHz Analog Output (±1 MHz)
85
dBc
15.1 MHz Analog Output (±10 kHz)
90
dBc
15.1 MHz Analog Output (±50 kHz)
87
dBc
15.1 MHz Analog Output (±250 kHz)
85
dBc
15.1 MHz Analog Output (±1 MHz)
83
dBc
40.1 MHz Analog Output (±10 kHz)
90
dBc
40.1 MHz Analog Output (±50 kHz)
87
dBc
40.1 MHz Analog Output (±250 kHz)
84
dBc
40.1 MHz Analog Output (±1 MHz)
−82
dBc
75.1 MHz Analog Output (±10 kHz)
−87
dBc


Podobny numer części - AD9959BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9959BCPZ AD-AD9959BCPZ Datasheet
950Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
AD9959BCPZ-REEL7 AD-AD9959BCPZ-REEL7 Datasheet
950Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
AD9959BCPZ-REEL71 AD-AD9959BCPZ-REEL71 Datasheet
721Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959BCPZ1 AD-AD9959BCPZ1 Datasheet
721Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
More results

Podobny opis - AD9959BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9959 AD-AD9959_08 Datasheet
721Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959 AD-AD9959_15 Datasheet
721Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959 AD-AD9959_V01 Datasheet
950Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
AD9958 AD-AD9958 Datasheet
1Mb / 40P
   2-Channel 500 MSPS DDS with 10-Bit DACs
REV. 0
AD9958 AD-AD9958_16 Datasheet
810Kb / 44P
   2-Channel, 500 MSPS DDS with 10-Bit DACs
AD9958 AD-AD9958_08 Datasheet
659Kb / 44P
   2-Channel, 500 MSPS DDS with 10-Bit DACs
REV. A
AD9959 AD-AD9959 Datasheet
246Kb / 9P
   4 Channel 500MSPS DDS with 10-bit DACs
Rev. PrB
logo
Texas Instruments
DAC3152 TI1-DAC3152 Datasheet
976Kb / 30P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3152 TI-DAC3152_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
logo
Analog Devices
AD9780 AD-AD9780_17 Datasheet
622Kb / 32P
   LVDS Interface, 500 MSPS DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com