Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQA6N70 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FQA6N70
Szczegółowy opis  700V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA6N70 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FQA6N70 Datasheet HTML 1Page - Fairchild Semiconductor FQA6N70 Datasheet HTML 2Page - Fairchild Semiconductor FQA6N70 Datasheet HTML 3Page - Fairchild Semiconductor FQA6N70 Datasheet HTML 4Page - Fairchild Semiconductor FQA6N70 Datasheet HTML 5Page - Fairchild Semiconductor FQA6N70 Datasheet HTML 6Page - Fairchild Semiconductor FQA6N70 Datasheet HTML 7Page - Fairchild Semiconductor FQA6N70 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2000 Fairchild Semiconductor International
Rev. A2, December 2000
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
10
1
25℃
150℃
※Notes :
1. V
GS
=0V
2. 250μs Pulse Test
V
SD , Source-Drain Voltage [V]
24
68
10
10
-1
10
0
10
1
※ Notes :
1. V
DS = 50V
2. 250μs Pulse Test
-55℃
150℃
25℃
V
GS , Gate-Source Voltage [V]
10
-1
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
Bottom: 5.5 V
※ Notes :
1. 250μs Pulse Test
2. T
C
= 25℃
V
DS, Drain-Source Voltage [V]
0
5
10
15
20
25
30
0
2
4
6
8
10
12
V
DS = 350V
V
DS = 140V
V
DS = 560V
※ Note : I
D
= 6.2 A
Q
G
, Total Gate Charge [nC]
10
-1
10
0
10
1
0
400
800
1200
1600
2000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
04
8
12
16
20
0
1
2
3
4
V
GS = 20V
V
GS = 10V
※ Note : T
J = 25
I
D
, Drain Current [A]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current and
Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics


Podobny numer części - FQA6N70

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQA6N80 FAIRCHILD-FQA6N80 Datasheet
677Kb / 8P
   800V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQA6N80 ISC-FQA6N80 Datasheet
369Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQA6N90 FAIRCHILD-FQA6N90 Datasheet
774Kb / 8P
   900V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQA6N90 ISC-FQA6N90 Datasheet
369Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQA6N90C FAIRCHILD-FQA6N90C Datasheet
611Kb / 8P
   900V N-Channel MOSFET
More results

Podobny opis - FQA6N70

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bruckewell Technology L...
MSD2N70 BWTECH-MSD2N70 Datasheet
1,016Kb / 8P
   700V N-Channel MOSFET
MSF2N70 BWTECH-MSF2N70 Datasheet
1Mb / 8P
   700V N-Channel MOSFET
MSF6N70 BWTECH-MSF6N70 Datasheet
959Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP2N70S SEMIHOW-HFP2N70S Datasheet
949Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF15N70 FAIRCHILD-FQAF15N70 Datasheet
756Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD1N70 SEMIHOW-HFD1N70 Datasheet
730Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP6N70 FAIRCHILD-FQP6N70 Datasheet
763Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR10N70FG FOSTER-FIR10N70FG Datasheet
2Mb / 8P
   700V N-Channel MOSFET
logo
Pan Jit International I...
PJU6NA70 PANJIT-PJU6NA70 Datasheet
442Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR4N70FG FOSTER-FIR4N70FG Datasheet
6Mb / 10P
   700V N-Channel MOSFET
logo
Shenzhen Huazhimei Semi...
HMS15N70K HMSEMI-HMS15N70K Datasheet
1Mb / 7P
   700V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com