Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC145572APB Arkusz danych(PDF) 8 Page - Freescale Semiconductor, Inc

Numer części MC145572APB
Szczegółowy opis  ISDN U-Interface Transceiver Evaluation Kit
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145572APB Arkusz danych(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC145572APB Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145572APB Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145572APB Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145572APB Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145572APB Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145572APB Datasheet HTML 9Page - Freescale Semiconductor, Inc MC145572APB Datasheet HTML 10Page - Freescale Semiconductor, Inc MC145572APB Datasheet HTML 11Page - Freescale Semiconductor, Inc MC145572APB Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
9
MC145572EVK
1.4
BLOCK DIAGRAM
Following is a basic functional block diagram for the MC145572EVK U-Interface Transceiver Evaluation
Kit (Figure 1-2). While the board is capable of activating Òstand-alone,Ó the user may decide to use a single
ASCII terminal to gain total control of the MC145572EVKÕs activities.
Figure 1-2. MC145572EVK Functional Block Diagram
1.5
GETTING STARTED
This section is provided to facilitate the userÕs introduction to the MC145572EVK. To maximize efÞciency
when working with the MC145572EVK, it is recommended that the user become familiar with the
organization of this document as well as the MC145572 U-Interface Transceiver data sheet. To identify a
starting point, power up the board and activate the U-Interface immediately. The only equipment needed
is a 5 V, 250 mA power supply, a two-wire U-Interface cable, and the MC145572EVK.
NOTE
The board shipped from the factory was thoroughly tested and veriÞed to function properly
prior to shipment. If you experience any problems or difÞculties with the operation of the
MC145572EVK, do not hesitate to call the factory or your local Motorola representative for
assistance.
1. Remove the board from its conductive environment at a static-controlled station.
2. Examine the board and its components to make certain nothing was damaged during shipment of
the board.
3. Verify that the ICs are seated properly in the socket.
5 ppm
CLOCK
SOURCE
REFERENCE
CLOCK
GENERATOR
MC145572
ISDN
U-INTERFACE
TRANSCEIVER
MC145574
ISDN
S/T-INTERFACE
TRANSCEIVER
MC68HC705
MICROCONTROLLER
MC145407
GATED
CLOCK
GENERATOR
GATED
CLOCK
GENERATOR
MC145572
ISDN
U-INTERFACE
TRANSCEIVER
IDL
IDL
S/T
BERTCLK
NT U-INTERFACE
LT U-INTERFACE
EXT CLK
SCP
RS-232
NETWORK TERMINATION
LINE TERMINATION
BERTCLK
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Podobny numer części - MC145572APB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC145572 FREESCALE-MC145572 Datasheet
1Mb / 264P
   ISDN U-INTERFACE TRANSCEIVER
logo
Motorola, Inc
MC145572EVK MOTOROLA-MC145572EVK Datasheet
144Kb / 9P
   LOW-VOLTAGE CMOS DUAL D-TYPE FLIP-FLOP
MC145572EVK MOTOROLA-MC145572EVK Datasheet
547Kb / 52P
   ISDN U-Interface Transceiver Evaluation Kit
MC145572FN MOTOROLA-MC145572FN Datasheet
154Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
MC145572PB MOTOROLA-MC145572PB Datasheet
154Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
More results

Podobny opis - MC145572APB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC145572EVK MOTOROLA-MC145572EVK Datasheet
547Kb / 52P
   ISDN U-Interface Transceiver Evaluation Kit
logo
NXP Semiconductors
MC145574EVK NXP-MC145574EVK Datasheet
234Kb / 2P
   ISDN S/T-interface Transceiver Evaluation Kit
REV 0
logo
Freescale Semiconductor...
MC145572 FREESCALE-MC145572 Datasheet
1Mb / 264P
   ISDN U-INTERFACE TRANSCEIVER
logo
NXP Semiconductors
MC145576EVK NXP-MC145576EVK Datasheet
200Kb / 2P
   ISDN Single-Chip NT1 Transceiver Evaluation Kit
REV 0
logo
Freescale Semiconductor...
MC145576EVK FREESCALE-MC145576EVK Datasheet
413Kb / 5P
   ISDN Single chip NT1 Transceiver Evaluation Kit Rev
logo
XFMRS Inc.
XFISDNU-08A XFMRS-XFISDNU-08A Datasheet
73Kb / 1P
   ISDN U-INTERFACE
logo
Bel Fuse Inc.
0559-5683-00 BEL-0559-5683-00 Datasheet
54Kb / 1P
   ISDN U INTERFACE TRANSFORMERS
logo
Pulse A Technitrol Comp...
T4008 PULSE-T4008 Datasheet
81Kb / 1P
   ISDN U-INTERFACE TRANSFORMERS
logo
Rhombus Industries Inc.
T-1238 RHOMBUS-IND-T-1238 Datasheet
21Kb / 1P
   ISDN U-INTERFACE TRANSFORMER
T-13207 RHOMBUS-IND-T-13207 Datasheet
36Kb / 1P
   ISDN U-Interface Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com