Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLZ44ZPBF Arkusz danych(PDF) 3 Page - International Rectifier

Numer części IRLZ44ZPBF
Szczegółowy opis  Logic Level, Advanced Process Technology, Ultra Low On-Resistance
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRLZ44ZPBF Arkusz danych(HTML) 3 Page - International Rectifier

  IRLZ44ZPBF_10 Datasheet HTML 1Page - International Rectifier IRLZ44ZPBF_10 Datasheet HTML 2Page - International Rectifier IRLZ44ZPBF_10 Datasheet HTML 3Page - International Rectifier IRLZ44ZPBF_10 Datasheet HTML 4Page - International Rectifier IRLZ44ZPBF_10 Datasheet HTML 5Page - International Rectifier IRLZ44ZPBF_10 Datasheet HTML 6Page - International Rectifier IRLZ44ZPBF_10 Datasheet HTML 7Page - International Rectifier IRLZ44ZPBF_10 Datasheet HTML 8Page - International Rectifier IRLZ44ZPBF_10 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IRLZ44Z/S/LPbF
www.irf.com
3
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Typical Forward Transconductance
Vs. Drain Current
0
102030
4050
ID, Drain-to-Source Current (A)
0
20
40
60
TJ = 25°C
TJ = 175°C
VDS = 10V
380µs PULSE WIDTH
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
≤ 60µs PULSE WIDTH
Tj = 25°C
3.0V
VGS
TOP
15V
10V
8.0V
5.0V
4.5V
4.0V
3.5V
BOTTOM
3.0V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
≤ 60µs PULSE WIDTH
Tj = 175°C
3.0V
VGS
TOP
15V
10V
8.0V
5.0V
4.5V
4.0V
3.5V
BOTTOM
3.0V
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
VGS, Gate-to-Source Voltage (V)
1.0
10.0
100.0
1000.0
VDS = 20V
≤ 60µs PULSE WIDTH
TJ = 25°C
TJ = 175°C


Podobny numer części - IRLZ44ZPBF_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLZ44ZPBF IRF-IRLZ44ZPBF_15 Datasheet
387Kb / 12P
   Advnaced Process Technology
More results

Podobny opis - IRLZ44ZPBF_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
AUIRFS3206 IRF-AUIRFS3206 Datasheet
292Kb / 13P
   Advanced Process Technology Ultra Low On-Resistance
IRF7380QPBF IRF-IRF7380QPBF_10 Datasheet
206Kb / 8P
   Advanced Process Technology Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF3710Z KERSEMI-IRF3710Z Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
IRF2807SPBF KERSEMI-IRF2807SPBF Datasheet
4Mb / 10P
   Advanced Process Technology Ultra Low On-Resistance
IRF3205Z KERSEMI-IRF3205Z Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
IRF1404 KERSEMI-IRF1404 Datasheet
2Mb / 8P
   Advanced Process Technology Ultra Low On-Resistance
logo
International Rectifier
AUIRFS3004-7P IRF-AUIRFS3004-7P Datasheet
379Kb / 12P
   Advanced Process Technology Ultra Low On-Resistance
AUIRFR1018E IRF-AUIRFR1018E Datasheet
239Kb / 12P
   Advanced Process Technology Ultra Low On-Resistance
AUIRF1324WL IRF-AUIRF1324WL Datasheet
246Kb / 11P
   Advanced Process Technology Ultra Low On-Resistance
IRF9204PBF IRF-IRF9204PBF Datasheet
240Kb / 7P
   Advanced Process Technology, Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com