Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD586 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD586
Szczegółowy opis  High Precision 5 V Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD586 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD586_05 Datasheet HTML 3Page - Analog Devices AD586_05 Datasheet HTML 4Page - Analog Devices AD586_05 Datasheet HTML 5Page - Analog Devices AD586_05 Datasheet HTML 6Page - Analog Devices AD586_05 Datasheet HTML 7Page - Analog Devices AD586_05 Datasheet HTML 8Page - Analog Devices AD586_05 Datasheet HTML 9Page - Analog Devices AD586_05 Datasheet HTML 10Page - Analog Devices AD586_05 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD586
Rev. G | Page 7 of 16
THEORY OF OPERATION
The AD586 consists of a proprietary buried Zener diode refer-
ence, an amplifier to buffer the output, and several high stability
thin-film resistors, as shown in the block diagram in Figure 5.
This design results in a high precision monolithic 5 V output
reference with initial offset of 2.0 mV or less. The temperature
compensation circuitry provides the device with a temperature
coefficient of under 2 ppm/°C.
Using the bias compensation resistor between the Zener output
and the noninverting input to the amplifier, a capacitor can be
added at the noise reduction pin (Pin 8) to form a low-pass
filter and reduce the noise contribution of the Zener to the
circuit.
A1
RS
RZ1
RZ2
RF
RT
RI
AD586
GND
VIN
NOISE REDUCTION
VOUT
TRIM
NOTES
1. PINS 1, 3, AND 7 ARE INTERNAL TEST POINTS.
MAKE NO CONNECTIONS TO THESE POINTS.
6
5
4
8
2
Figure 5. Functional Block Diagram
APPLYING THE AD586
The AD586 is simple to use in virtually all precision reference
applications. When power is applied to Pin 2 and Pin 4 is
grounded, Pin 6 provides a 5 V output. No external components
are required; the degree of desired absolute accuracy is achieved
simply by selecting the required device grade. The AD586
requires less than 3 mA quiescent current from an operating
supply of 12 V or 15 V.
An external fine trim may be desired to set the output level to
exactly 5.000 V (calibrated to a main system reference). System
calibration may also require a reference voltage that is slightly
different from 5.000 V, for example, 5.12 V for binary applica-
tions. In either case, the optional trim circuit shown in Figure 6
can offset the output by as much as 300 mV with minimal effect
on other device characteristics.
AD586
GND
VIN
CN
1
µF
VO
TRIM
OPTIONAL
NOISE
REDUCTION
CAPACITOR
VIN
NOISE
REDUCTION
OUTPUT
10k
6
5
2
4
8
Figure 6. Optional Fine-Trim Configuration
NOISE PERFORMANCE AND REDUCTION
The noise generated by the AD586 is typically less than 4 µV p-p
over the 0.1 Hz to 10 Hz band. Noise in a 1 MHz bandwidth is
approximately 200 µV p-p. The dominant source of this noise is
the buried Zener, which contributes approximately 100 nV/√Hz.
By comparison, contribution by the op amp is negligible. Figure 7
shows the 0.1 Hz to 10 Hz noise of a typical AD586. The noise
measurement is made with a band-pass filter made of a 1-pole
high-pass filter with a corner frequency at 0.1 Hz, and a 2-pole
low-pass filter with a corner frequency at 12.6 Hz, to create a
filter with a 9.922 Hz bandwidth.
If further noise reduction is desired, an external capacitor can
be added between the noise reduction pin and ground, as
shown in Figure 6. This capacitor, combined with the 4 kΩ RS
and the Zener resistances, forms a low-pass filter on the output
of the Zener cell. A 1 µF capacitor will have a 3 dB point at
12 Hz, and will reduce the high frequency (to 1 MHz) noise to
about 160 µV p-p. Figure 8 shows the 1 MHz noise of a typical
AD586, both with and without a 1 µF capacitor.
1
µF
5s
1
µF
Figure 7. 0.1 Hz to 10 Hz Noise


Podobny numer części - AD586_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD586A AD-AD586A Datasheet
203Kb / 8P
   High Precision 5 V Reference
REV. C
AD586AR AD-AD586AR Datasheet
203Kb / 8P
   High Precision 5 V Reference
REV. C
AD586AR AD-AD586AR Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586AR-REEL AD-AD586AR-REEL Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586ARZ-REEL1 AD-AD586ARZ-REEL1 Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
More results

Podobny opis - AD586_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
5962-8982401PA AD-5962-8982401PA Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586 AD-AD586_15 Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586 AD-AD586 Datasheet
203Kb / 8P
   High Precision 5 V Reference
REV. C
AD688 AD-AD688_15 Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
REF02 AD-REF02_05 Datasheet
584Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. I
REF02 AD-REF02 Datasheet
454Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. F
AD688 AD-AD688 Datasheet
406Kb / 8P
   High Precision -10 V Reference
REV. A
AD587 AD-AD587_15 Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD587 AD-AD587 Datasheet
177Kb / 12P
   High Precision 10 V Reference
REV. F
5962-8982502PA AD-5962-8982502PA Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com