Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM27C010-200DI Arkusz danych(PDF) 9 Page - Rochester Electronics

Numer części AM27C010-200DI
Szczegółowy opis  1 Megabit ( 128 K x 8-Bit ) CMOS EPROM Speed options as fast as 45 ns
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROCHESTER [Rochester Electronics]
Strona internetowa  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

AM27C010-200DI Arkusz danych(HTML) 9 Page - Rochester Electronics

  AM27C010-200DI Datasheet HTML 1Page - Rochester Electronics AM27C010-200DI Datasheet HTML 2Page - Rochester Electronics AM27C010-200DI Datasheet HTML 3Page - Rochester Electronics AM27C010-200DI Datasheet HTML 4Page - Rochester Electronics AM27C010-200DI Datasheet HTML 5Page - Rochester Electronics AM27C010-200DI Datasheet HTML 6Page - Rochester Electronics AM27C010-200DI Datasheet HTML 7Page - Rochester Electronics AM27C010-200DI Datasheet HTML 8Page - Rochester Electronics AM27C010-200DI Datasheet HTML 9Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
AM27C010
Specification Number AM27C010-CIM (A) REV A
Page 9 of 9
TABLE 5
SPECIFICATION NUMBER: AM27C010-CIM (A) REV -
Page 8 of 8
Rochester Electronics guarantees performance of its semiconductor products to the original OEM specifications. “Typical” values are for reference purposes
only. Certain minimum or maximum ratings may be based on product characterization, design, simulation, or sample testing. Rochester Electronics reserves
the right to make changes without further notice to any specification herein.


Podobny numer części - AM27C010-200DI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Micro Devices
AM27C010-200DI5 AMD-AM27C010-200DI5 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
AM27C010-200DI5B AMD-AM27C010-200DI5B Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
More results

Podobny opis - AM27C010-200DI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rochester Electronics
AM27C512 ROCHESTER-AM27C512_13 Datasheet
611Kb / 9P
   512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
AM27C512 ROCHESTER-AM27C512 Datasheet
788Kb / 9P
   512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
logo
Advanced Micro Devices
AM27C010 AMD-AM27C010 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
AM27C2048 AMD-AM27C2048 Datasheet
173Kb / 12P
   2 Megabit (128 K x 16-Bit) CMOS EPROM
AM27X010 AMD-AM27X010 Datasheet
138Kb / 10P
   1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device
AM27H010 AMD-AM27H010 Datasheet
644Kb / 12P
   1 Megabit (131,072 x 8-bit) High Speed CMOS EPROM
AM27C040 AMD-AM27C040_99 Datasheet
166Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C020 AMD-AM27C020 Datasheet
172Kb / 12P
   2 Megabit (256 K x 8-Bit) CMOS EPROM
AM27C040 AMD-AM27C040 Datasheet
175Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C1024 AMD-AM27C1024 Datasheet
165Kb / 12P
   1 Megabit (65 K x 16-Bit) CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com