Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5320BRMZ-REEL1 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD5320BRMZ-REEL1
Szczegółowy opis  2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5320BRMZ-REEL1 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD5320BRMZ-REEL1 Datasheet HTML 2Page - Analog Devices AD5320BRMZ-REEL1 Datasheet HTML 3Page - Analog Devices AD5320BRMZ-REEL1 Datasheet HTML 4Page - Analog Devices AD5320BRMZ-REEL1 Datasheet HTML 5Page - Analog Devices AD5320BRMZ-REEL1 Datasheet HTML 6Page - Analog Devices AD5320BRMZ-REEL1 Datasheet HTML 7Page - Analog Devices AD5320BRMZ-REEL1 Datasheet HTML 8Page - Analog Devices AD5320BRMZ-REEL1 Datasheet HTML 9Page - Analog Devices AD5320BRMZ-REEL1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD5320
Rev. C | Page 6 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
AD5320
TOP VIEW
(Not to Scale)
VOUT 1
GND 2
VDD 3
SYNC
SCLK
DIN
6
5
4
Figure 3. SOT-23 Pin Configuration
AD5320
TOP VIEW
(Not to Scale)
VDD 1
NC 2
NC 3
VOUT 4
SYNC
SCLK
DIN
GND
8
7
6
5
NC = NO CONNECT
Figure 4. MSOP Pin Configuration
Table 4. Pin Function Descriptions
SOT-23
Pin No.
MSOP
Pin No.
Mnemonic
Description
1
4
VOUT
Analog Output Voltage from DAC. The output amplifier has rail-to-rail operation.
2
8
GND
Ground Reference Point for All Circuitry on the Part.
3
1
VDD
Power Supply Input. These parts can be operated from 2.5 V to 5.5 V and VDD should be decoupled
to GND.
4
7
DIN
Serial Data Input. This device has a 16-bit shift register. Data is clocked into the register on the falling
edge of the serial clock input.
5
6
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial clock
input. Data can be transferred at rates up to 30 MHz.
6
5
SYNC
Level Triggered Control Input (Active Low). This is the frame synchronization signal for the input data.
When SYNC goes low, it enables the input shift register and data is transferred in on the falling edges
of the following clocks. The DAC is updated following the 16th clock cycle unless SYNC is taken high
before this edge, in which case the rising edge of SYNC acts as an interrupt and the write sequence is
ignored by the DAC.
2, 3
NC
No Connect.


Podobny numer części - AD5320BRMZ-REEL1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5320BRM AD-AD5320BRM Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
More results

Podobny opis - AD5320BRMZ-REEL1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5320 AD-AD5320 Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5310 AD-AD5310_15 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310BRMZ-REEL7 AD-AD5310BRMZ-REEL7 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310 AD-AD5310 Datasheet
164Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. A
AD5662 AD-AD5662 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
AD5662 AD-AD5662_15 Datasheet
584Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com