Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5316BRU Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD5316BRU
Szczegółowy opis  2.5 V to 5.5 V, 400 關A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5316BRU Arkusz danych(HTML) 1 Page - Analog Devices

  AD5316BRU Datasheet HTML 1Page - Analog Devices AD5316BRU Datasheet HTML 2Page - Analog Devices AD5316BRU Datasheet HTML 3Page - Analog Devices AD5316BRU Datasheet HTML 4Page - Analog Devices AD5316BRU Datasheet HTML 5Page - Analog Devices AD5316BRU Datasheet HTML 6Page - Analog Devices AD5316BRU Datasheet HTML 7Page - Analog Devices AD5316BRU Datasheet HTML 8Page - Analog Devices AD5316BRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2.5 V to 5.5 V, 400 μA, 2-Wire Interface,
Quad Voltage Output, 8-/10-/12-Bit DACs
AD5306/AD5316/AD5326
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
AD5306: 4 buffered, 8-bit DACs in 16-lead TSSOP
A version: ±1 LSB INL; B version: ±0.625 LSB INL
AD5316: 4 buffered, 10-bit DACs in 16-lead TSSOP
A version: ±4 LSB INL; B version: ±2.5 LSB INL
AD5326: 4 buffered, 12-bit DACs in 16-lead TSSOP
A version: ±16 LSB INL; B version: ±10 LSB INL
Low power operation: 400 μA @ 3 V, 500 μA @ 5 V
2-wire (I2C®-compatible) serial interface
2.5 V to 5.5 V power supply
Guaranteed monotonic by design over all codes
Power-down to 90 nA @ 3 V, 300 nA @ 5 V (PD pin or bit)
Double-buffered input logic
Buffered/unbuffered reference input options
Output range: 0 V to VREF or 0 V to 2 VREF
Power-on reset to 0 V
Simultaneous update of outputs (LDAC pin)
Software clear facility
Data readback facility
On-chip rail-to-rail output buffer amplifiers
Temperature range −40°C to +105°C
APPLICATIONS
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
Programmable attenuators
Industrial process control
1 Protected by U.S. Patent Numbers 5,969,657 and 5,684,481.
FUNCTIONAL BLOCK DIAGRAM
SCL
INTERFACE
LOGIC
INPUT
REGISTER
DAC
REGISTER
INPUT
REGISTER
DAC
REGISTER
VOUTA
STRING
DAC A
STRING
DAC B
VDD
VREFB
VREFA
VREFC
VREFD
VOUTB
POWER-ON
RESET
POWER-DOWN
LOGIC
LDAC
A1
A0
LDAC
SDA
GND
PD
AD5306/AD5316/AD5326
BUFFER
BUFFER
INPUT
REGISTER
DAC
REGISTER
INPUT
REGISTER
DAC
REGISTER
VOUTC
STRING
DAC C
STRING
DAC D
VOUTD
BUFFER
BUFFER
Figure 1.
GENERAL DESCRIPTION
The AD5306/AD5316/AD53261 are quad 8-/10-/12-bit buffered
voltage output DACs in 16-lead TSSOP packages that operate
from a single 2.5 V to 5.5 V supply, consuming 500 μA at 3 V.
Their on-chip output amplifiers allow rail-to-rail output swing
with a slew rate of 0.7 V/μs. A 2-wire serial interface, which
operates at clock rates up to 400 kHz, is used. This interface is
SMBus-compatible at VDD < 3.6 V. Multiple devices can be
placed on the same bus.
Each DAC has a separate reference input that can be configured
as buffered or unbuffered. The outputs of all DACs can be
updated simultaneously using the asynchronous LDAC input.
The parts incorporate a power-on reset circuit that ensures the
DAC outputs power up to 0 V and remain there until a valid
write to the device takes place. The software clear function
clears all DACs to 0 V. The parts contain a power-down feature
that reduces the current consumption of the device to
300 nA @ 5 V (90 nA @ 3 V).
All three parts have the same pinout, which allows users to select
the amount of resolution appropriate for their application without
redesigning their circuit board.


Podobny numer części - AD5316BRU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5316 AD-AD5316 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5316 AD-AD5316 Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5316 AD-AD5316 Datasheet
274Kb / 20P
   2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5316 AD-AD5316 Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5316 AD-AD5316 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
More results

Podobny opis - AD5316BRU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5316 AD-AD5316_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5306 AD-AD5306_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5326 AD-AD5326_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5325 AD-AD5325_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5315 AD-AD5315_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5305ARM AD-AD5305ARM Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5311BRMZ AD-AD5311BRMZ Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5301 AD-AD5301_07 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5301 AD-AD5301_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5311 AD-AD5311_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com