Zakładka z wyszukiwarką danych komponentów |
|
AD5326BRU-REEL Arkusz danych(PDF) 3 Page - Analog Devices |
|
AD5326BRU-REEL Arkusz danych(HTML) 3 Page - Analog Devices |
3 / 24 page AD5306/AD5316/AD5326 Rev. F | Page 3 of 24 SPECIFICATIONS VDD = 2.5 V to 5.5 V; VREF = 2 V; RL = 2 kΩ to GND; CL = 200 pF to GND; all specifications TMIN to TMAX, unless otherwise noted. Table 1. A Version1 B Version1 Parameter2 Min Typ Max Min Typ Max Unit Conditions/Comments DC PERFORMANCE3, 4 AD5306 Resolution 8 8 Bits Relative Accuracy ±0.15 ±1 ±0.15 ±0.625 LSB Differential Nonlinearity ±0.02 ±0.25 ±0.02 ±0.25 LSB Guaranteed monotonic by design over all codes. AD5316 Resolution 10 10 Bits Relative Accuracy ±0.5 ±4 ±0.5 ±2.5 LSB Differential Nonlinearity ±0.05 ±0.5 ±0.05 ±0.5 LSB Guaranteed monotonic by design over all codes. AD5326 Resolution 12 12 Bits Relative Accuracy ±2 ±16 ±2 ±10 LSB Differential Nonlinearity ±0.2 ±1 ±0.2 ±1 LSB Guaranteed monotonic by design over all codes. Offset Error ±5 ±60 ±5 ±60 mV VDD = 4.5 V, gain = 2; see Figure 4 and Figure 5. Gain Error ±0.3 ±1.25 ±0.3 ±1.25 % of FSR VDD = 4.5 V, gain = 2; see Figure 4 and Figure 5. Lower Deadband5 10 60 10 60 mV See Figure 4; lower deadband exists only if offset error is negative. Upper Deadband5 10 60 10 60 mV See Figure 5; upper deadband exists only if VREF = VDD and offset plus gain error is positive. Offset Error Drift6 −12 –12 ppm of FSR/°C Gain Error Drift6 –5 –5 ppm of FSR/°C DC Power Supply Rejection Ratio6 –60 –60 dB ΔVDD = ±10%. DC Crosstalk6 200 200 μV RL = 2 kΩ to GND or VDD. DAC REFERENCE INPUTS6 VREF Input Range 1 VDD 1 VDD V Buffered reference mode. 0.25 VDD 0.25 VDD V Unbuffered reference mode. VREF Input Impedance >10 >10 MΩ Buffered reference mode and power-down mode. 148 180 148 180 kΩ Unbuffered reference mode; 0 V to VREF output range. 74 90 74 90 kΩ Unbuffered reference mode; 0 V to 2 VREF output range. Reference Feedthrough −90 −90 dB Frequency = 10 kHz. Channel-to-Channel Isolation −75 −75 dB Frequency = 10 kHz. OUTPUT CHARACTERISTICS6 Minimum Output Voltage7 0.001 0.001 V This is a measure of the minimum and maximum drive capability of the output amplifier. Maximum Output Voltage7 VDD − 0.001 VDD − 0.001 V DC Output Impedance 0.5 0.5 Ω |
Podobny numer części - AD5326BRU-REEL |
|
Podobny opis - AD5326BRU-REEL |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |