Zakładka z wyszukiwarką danych komponentów |
|
AD5426YRMZ-REEL Arkusz danych(PDF) 4 Page - Analog Devices |
|
AD5426YRMZ-REEL Arkusz danych(HTML) 4 Page - Analog Devices |
4 / 24 page AD5426/AD5432/AD5443 Data Sheet Rev. G | Page 4 of 24 Parameter Min Typ Max Unit Test Conditions/Comments Output Capacitance IOUT1 12 17 pF All 0s loaded 10 12 pF All 1s loaded IOUT2 22 25 pF All 0s loaded 10 12 pF All 1s loaded Digital Feedthrough 0.1 nV-s Feedthrough to DAC output with SYNC high and alternate loading of all 0s and all 1s Analog THD 81 dB VREF = 3.5 V p-p, all 1s loaded, f = 1 kHz Digital THD Clock = 1 MHz, VREF = 3.5 V, CCOMP = 1.8 pF 50 kHz fOUT 73 dB 20 kHz fOUT 74 dB Output Noise Spectral Density 25 nV/√Hz @ 1 kHz SFDR Performance (Wide Band) Clock = 1 MHz, VREF = 3.5 V 50 kHz fOUT 75 dB 20 kHz fOUT 76 dB SFDR Performance (Narrow Band) Clock = 1 MHz, VREF = 3.5 V 50 kHz fOUT 87 dB 20 kHz fOUT 87 dB Intermodulation Distortion 78 dB Clock = 1 MHz, f1 = 20 kHz, f2 = 25 kHz, VREF = 3.5 V POWER REQUIREMENTS Power Supply Range 2.5 5.5 V IDD 0.6 µA TA = 25°C, logic inputs = 0 V or VDD 0.4 5 µA T = −40°C to +125°C , logic inputs = 0 V or VDD Power Supply Sensitivity1 0.001 %/% ∆VDD = ±5% 1 Guaranteed by design and characterization, not subject to production testing. |
Podobny numer części - AD5426YRMZ-REEL |
|
Podobny opis - AD5426YRMZ-REEL |