Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5392BSTZ-3 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD5392BSTZ-3
Szczegółowy opis  8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5392BSTZ-3 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD5392BSTZ-3 Datasheet HTML 3Page - Analog Devices AD5392BSTZ-3 Datasheet HTML 4Page - Analog Devices AD5392BSTZ-3 Datasheet HTML 5Page - Analog Devices AD5392BSTZ-3 Datasheet HTML 6Page - Analog Devices AD5392BSTZ-3 Datasheet HTML 7Page - Analog Devices AD5392BSTZ-3 Datasheet HTML 8Page - Analog Devices AD5392BSTZ-3 Datasheet HTML 9Page - Analog Devices AD5392BSTZ-3 Datasheet HTML 10Page - Analog Devices AD5392BSTZ-3 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Data Sheet
AD5390/AD5391/AD5392
Rev. E | Page 7 of 44
AD5390-5/AD5391-5/AD5392-5 AC CHARACTERISTICS
AVDD = 4.5 V to 5.5 V; DVDD = 2.7 V to 5.5 V; AGND = DGND = 0 V.
Table 3.
Parameter
All1
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Output Voltage Settling Time
¼ scale to ¾ scale change settling to ±1 LSB
AD5390/AD5392
3
µs typ
Boost mode off, CR11 = 0
8
µs max
Boost mode off, CR11 = 0
AD5391
3
µs typ
Boost mode off, CR11 = 0
8
µs max
Boost mode off, CR11 = 0
Slew rate2
2.5
V/µs typ
Boost mode on
1.5
V/µs typ
Boost mode off
Digital-to-Analog Glitch Energy
12
nV-s typ
Glitch Impulse Peak Amplitude
15
mV typ
Channel-to-Channel Isolation
100
dB typ
See the Terminology section
DAC-to-DAC Crosstalk
1
nV-s typ
See the Terminology section
Digital Crosstalk
0.8
nV-s typ
Digital Feedthrough
0.1
nV-s typ
Effect of input bus activity on DAC output under test
Output Noise (0.1 Hz to 10 Hz)
15
µV p-p typ
External reference midscale loaded to DAC
40
µV p-p typ
Internal reference midscale loaded to DAC
Output Noise Spectral Density
@ 1 kHz
150
nV/(Hz)1/2 typ
@ 10 kHz
100
nV/(Hz)1/2 typ
1
Guaranteed by characterization, not production tested.
2
The slew rate can be adjusted via the current boost control bit in the DAC control register.


Podobny numer części - AD5392BSTZ-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5392BSTZ-3 AD-AD5392BSTZ-3 Datasheet
1Mb / 40P
   40-Channel, 3 V/5 V, Single-Supply 12-Bit, denseDAC
Rev. D
More results

Podobny opis - AD5392BSTZ-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5391 AD-AD5391_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5392 AD-AD5392_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
AD5384 AD-AD5384 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD5382 AD-AD5382 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5384 AD-AD5384_15 Datasheet
732Kb / 33P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit denseDAC
REV. C
AD5381 AD-AD5381 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. A
AD5383 AD-AD5383 Datasheet
1Mb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. 0
AD5551 AD-AD5551 Datasheet
208Kb / 12P
   5 V, Serial-Input Voltage-Output, 14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com