Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD592BNZ Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD592BNZ
Szczegółowy opis  LOW COST, PRECISION IC TEMPERATURE TRANSDUCER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD592BNZ Arkusz danych(HTML) 7 Page - Analog Devices

  AD592BNZ Datasheet HTML 1Page - Analog Devices AD592BNZ Datasheet HTML 2Page - Analog Devices AD592BNZ Datasheet HTML 3Page - Analog Devices AD592BNZ Datasheet HTML 4Page - Analog Devices AD592BNZ Datasheet HTML 5Page - Analog Devices AD592BNZ Datasheet HTML 6Page - Analog Devices AD592BNZ Datasheet HTML 7Page - Analog Devices AD592BNZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD592
REV. A
–7–
The circuit shown can be optimized for any ambient tempera-
ture range or thermocouple type by simply selecting the correct
value for the scaling resistor – R. The AD592 output (1
µA/K)
times R should approximate the line best fit to the thermocouple
curve (slope in V/
°C) over the most likely ambient temperature
range. Additionally, the output sensitivity can be chosen by
selecting the resistors RG1 and RG2 for the desired noninverting
gain. The offset adjustment shown simply references the AD592
to
°C. Note that the TC’s of the reference and the resistors are
the primary contributors to error. Temperature rejection of 40
to 1 can be easily achieved using the above technique.
Although the AD592 offers a noise immune current output, it is
not compatible with process control/industrial automation cur-
rent loop standards. Figure 12 is an example of a temperature to
4–20 mA transmitter for use with 40 V, 1 k
Ω systems.
In this circuit the 1
µA/K output of the AD592 is amplified to
1 mA/
°C and offset so that 4 mA is equivalent to 17°C and
20 mA is equivalent to 33
°C. Rt is trimmed for proper reading
at an intermediate reference temperature. With a suitable choice
of resistors, any temperature range within the operating limits of
the AD592 may be chosen.
AD592
AD581
35.7k
10mV/oC
10k
12.7k
5k
500
+20V
–20V
VT
10
C
RT
5k
1mA/oC
208
17
°C ≈ 4mA
33
°C ≈ 20µA
Figure 12. Temperature to 4–20 mA Current Transmitter
Reading temperature with an AD592 in a microprocessor based
system can be implemented with the circuit shown in Figure 13.
AD1403
950
9k
1k
100
+5V
AD592
SPAN
TRIM
CENTER
POINT
TRIM
FORMAT
BPO/UPO
200
µP CONTROL
GND
VIN HI
VI HI
N
VI LO
N
VI LO
N
8 BITS
OUT
AD670
ADCPORT
R/W
CS
CE
VCC
Figure 13. Temperature to Digital Output
By using a differential input A/D converter and choosing the
current to voltage conversion resistor correctly, any range of
temperatures (up to the 130
°C span the AD592 is rated for)
centered at any point can be measured using a minimal number
of components. In this configuration the system will resolve up
to 1
°C.
A variable temperature controlling thermostat can easily be built
using the AD592 in the circuit of Figure 14.
AD592
10k
RHYST
RPULL-UP
+15V
COMPARATOR
(OPTIONAL)
C
RHIGH
62.7k
RSET
10k
C
TEMP > SETPOINT
OUTPUT HIGH
TEMP < SETPOINT
OUTPUT LOW
RLOW
27.3k
AD581
Figure 14. Variable Temperature Thermostat
RHIGH and RLOW determine the limits of temperature controlled
by the potentiometer RSET. The circuit shown operates over the
full temperature range (–25
°C to +105°C) the AD592 is rated
for. The reference maintains a constant set point voltage and
insures that approximately 7 V appears across the sensor. If it is
necessary to guardband for extraneous noise hysteresis can be
added by tying a resistor from the output to the ungrounded
end of RLOW.
Multiple remote temperatures can be measured using several
AD592s with a CMOS multiplexer or a series of 5 V logic gates
because of the device’s current-mode output and supply-voltage
compliance range. The on-resistance of a FET switch or output
impedance of a gate will not affect the accuracy, as long as 4 V
is maintained across the transducer. MUXs and logic driving
circuits should be chosen to minimize leakage current related
errors. Figure 15 illustrates a locally controlled MUX switching
the signal current from several remote AD592s. CMOS or TTL
gates can also be used to switch the AD592 supply voltages,
with the multiplexed signal being transmitted over a single
twisted pair to the load.
AD7501
D
E
C
O
D
E
R
/
D
R
I
V
E
R
T8
T2
T1
REMOTE
AD592s
S1
S2
S8
EN
TTL DTL TO
CMOS I/O
CHANNEL
SELECT
+15V
–15V
VOUT
10k
Figure 15. Remote Temperature Multiplexing


Podobny numer części - AD592BNZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD592BN AD-AD592BN Datasheet
302Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592BN AD-AD592BN Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
More results

Podobny opis - AD592BNZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD592 AD-AD592 Datasheet
302Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592ANZ AD-AD592ANZ Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592 AD-AD592_15 Datasheet
778Kb / 8P
   LOW COST PRECISION IC TEMPERATURE TRANSDUCER
REV. A
AD592CNZ AD-AD592CNZ Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
TMP17 AD-TMP17 Datasheet
317Kb / 8P
   Low Cost, Current Output Temperature Transducer
REV. 0
logo
Zentrum Mikroelektronik...
TSIC-306 ZMD-TSIC-306 Datasheet
460Kb / 2P
   High Precision, Rapid Response, Low Cost Temperature Sensor IC
logo
Analog Devices
AD1403N AD-AD1403N Datasheet
84Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
AD1403 AD-AD1403 Datasheet
80Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
logo
Zentrum Mikroelektronik...
TSIC-101 ZMD-TSIC-101 Datasheet
168Kb / 3P
   Fast Response and Low-cost Temperature Sensor IC Temperature Sensor IC
logo
Analog Devices
AD590JH AD-AD590JH Datasheet
417Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com