Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54132-5062 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części 54132-5062
Szczegółowy opis  0.50mm Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom Contact Style, 50 Circuits, 0.1關m Gold (Au) Contact Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX11 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

54132-5062 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  54132-5062 Datasheet HTML 1Page - Molex Electronics Ltd. 54132-5062 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/15/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
54132-5062
Status:
Active
Overview:
FFC-FPC (SMT)
Description:
0.50mm Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom Contact Style, 50
Circuits, 0.1µm Gold (Au) Contact Plating
Documents:
3D Model
Packaging Specification SPK-54132-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-54132-061 (PDF)
Agency Certification
UL
E29179
General
Product Family
FFC/FPC Connectors
Series
54132
Overview
FFC-FPC (SMT)
Product Name
N/A
UPC
822348709014
Physical
Circuits (Loaded)
50
Color - Resin
Black, Natural
Contact Position
Bottom
Durability (mating cycles max)
20
Entry Angle
90° Angle
Flammability
94V-0
Mated Height
2.00mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
High Temperature Thermoplastic
Net Weight
544.000/mg
Number of Rows
1
Orientation
Right Angle
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface
0.50mm
Plating min - Mating
0.102µm
Plating min - Termination
0.051µm
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Surface Mount
Wire/Cable Type
FFC/FPC
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
50V
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-54132-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
54132Series


Podobny numer części - 54132-5062

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
54132-5097 MOLEX-54132-5097 Datasheet
37Kb / 3P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
More results

Podobny opis - 54132-5062

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0541323062 MOLEX7-0541323062 Datasheet
459Kb / 6P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom Contact Style, 30 Circuits, 0.1關m (4關") Gold (Au) Contact Plating
0541323862 MOLEX7-0541323862 Datasheet
459Kb / 6P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom Contact Style, 38 Circuits, 0.1關m (4關") Gold (Au) Contact Plating
0541323562 MOLEX7-0541323562 Datasheet
459Kb / 6P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom Contact Style, 35 Circuits, 0.1關m (4關") Gold (Au) Contact Plating
0541323462 MOLEX7-0541323462 Datasheet
459Kb / 6P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom Contact Style, 34 Circuits, 0.1關m (4關") Gold (Au) Contact Plating
0541325062 MOLEX7-0541325062 Datasheet
459Kb / 6P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom ContactStyle, 50 Circuits, 0.1關m (4關") Gold (Au) Contact Plating
54104-5031 MOLEX11-54104-5031 Datasheet
38Kb / 3P
   0.50mm Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Top Contact Style, 50 Circuits, Lead-Free, 0.1關m Gold (Au) Plating
0524372471 MOLEX7-0524372471 Datasheet
433Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom Contact Style, 24 Circuits, Gold Contact Plating
0524372571 MOLEX7-0524372571 Datasheet
433Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom Contact Style, 25 Circuits, Gold Contact Plating
0524372771 MOLEX7-0524372771 Datasheet
433Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom Contact Style, 27 Circuits, Gold Contact Plating
0541324362 MOLEX7-0541324362 Datasheet
459Kb / 6P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom ContactStyle, 43 Circuits, 0.1關m (4關") Gold (Au) Contact Plating
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com