Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD22100ST Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD22100ST
Szczegółowy opis  Voltage Output Temperature Sensor with Signal Conditioning
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD22100ST Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD22100ST Datasheet HTML 4Page - Analog Devices AD22100ST Datasheet HTML 5Page - Analog Devices AD22100ST Datasheet HTML 6Page - Analog Devices AD22100ST Datasheet HTML 7Page - Analog Devices AD22100ST Datasheet HTML 8Page - Analog Devices AD22100ST Datasheet HTML 9Page - Analog Devices AD22100ST Datasheet HTML 10Page - Analog Devices AD22100ST Datasheet HTML 11Page - Analog Devices AD22100ST Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD22100
Rev. D | Page 8 of 12
Due to its limited current sinking ability, the AD22100 is inca-
pable of driving loads to the V+ power supply and is instead
intended to drive grounded loads. A typical value for short-
circuit current limit is 7 mA, so devices can reliably source 1
mA or 2 mA. However, for best output voltage accuracy and
minimal internal self-heating, output current should be kept
below 1 mA. Loads connected to the V+ power supply should
be avoided as the current sinking capability of the AD22100 is
fairly limited. These considerations are typically not a problem
when driving a microcontroller analog-to-digital converter input
pin (see the Microprocessor A/D Interface Issues section).
RATIOMETRICITY CONSIDERATIONS
The AD22100 will operate with slightly better accuracy than
that listed in the data sheet specifications if the power supply is
held constant. This is because the AD22100’s output voltage
varies with both temperature and supply voltage, with some
errors. The ideal transfer function describing output voltage is:
(V+/5 V) × (1.375 V + 22.5 mV/°C × TA)
The ratiometricity error is defined as the percent change away
from the ideal transfer function as the power supply voltage
changes within the operating range of 4 V to 6.5 V. For the
AD22100, this error is typically less than 1%. A movement from
the ideal transfer function by 1% at 25°C, with a supply voltage
varying from 5.0 V to 5.50 V, results in a 1.94 mV change in
output voltage or 0.08°C error. This error term is greater at
higher temperatures because the output (and error term) is
directly proportional to temperature. At 150°C, the error in
output voltage is 4.75 mV or 0.19°C.
For example, with VS = 5.0 V, and TA = +25°C, the nominal
output of the AD22100 will be 1.9375 V. At VS = 5.50 V, the
nominal output will be 2.1313 V, an increase of 193.75 mV. A
proportionality error of 1% is applied to the 193.75 mV, yielding
an error term of 1.9375 mV. This error term translates to a
variation in output voltage of 2.1293 V to 2.3332 V. A 1.94 mV
error at the output is equivalent to about 0.08°C error in
accuracy.
If 150°C is substituted for 25°C in the above example, the error
term translates to a variation in output voltage of 5.2203 V to
5.2298 V. A 4.75 mV error at the output is equivalent to about
0.19°C error in accuracy.
MOUNTING CONSIDERATIONS
If the AD22100 is thermally attached and properly protected, it
can be used in any measuring situation where the maximum
range of temperatures encountered is between −50°C and
+150°C. Because plastic IC packaging technology is employed,
excessive mechanical stress must be avoided when fastening the
device with a clamp or screw-on heat tab. Thermally conductive
epoxy or glue is recommended for typical mounting conditions.
In wet or corrosive environments, an electrically isolated metal
or ceramic well should be used to shield the AD22100. Because
the part has a voltage output (as opposed to current), it offers
modest immunity to leakage errors, such as those caused by
condensation at low temperatures.
THERMAL ENVIRONMENT EFFECTS
The thermal environment in which the AD22100 is used
determines two performance traits: the effect of self-heating on
accuracy and the response time of the sensor to rapid changes
in temperature. In the first case, a rise in the IC junction
temperature above the ambient temperature is a function of two
variables: the power consumption of the AD22100 and the
thermal resistance between the chip and the ambient environ-
ment θJA. Self-heating error in °C can be derived by multiplying
the power dissipation by θJA. Because errors of this type can
vary widely for surroundings with different heat-sinking capaci-
ties, it is necessary to specify θJA under several conditions. Table
6 shows how the magnitude of self-heating error varies relative
to the environment. A typical part will dissipate about 2.2 mW
at room temperature with a 5 V supply and negligible output
loading. Table 6 indicates a θJA of 190°C/W in still air, without a
heat sink, yielding a temperature rise of 0.4°C. Thermal rise will
be considerably less in either moving air or with direct physical
connection to a solid (or liquid) body.
Table 6. Thermal Resistance (TO-92)
Medium
θJA (°C/W)
t (sec)1
Aluminum Block
60
2
Moving Air2
Without Heat Sink
75
3.5
Still Air
Without Heat Sink
190
15


Podobny numer części - AD22100ST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD22100ST AD-AD22100ST Datasheet
230Kb / 6P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. B
AD22100ST AD-AD22100ST Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100ST AD-AD22100ST Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100ST AD-AD22100ST Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ST AD-AD22100ST Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
More results

Podobny opis - AD22100ST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD22100 AD-AD22100 Datasheet
230Kb / 6P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. B
AD22100 AD-AD22100_04 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100STZ AD-AD22100STZ Datasheet
216Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ATZ AD-AD22100ATZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22103 AD-AD22103_15 Datasheet
431Kb / 6P
   3.3V Supply Voltage Output Temperature Sensor with Signal Conditioning
REV. 0
AD22103KTZ AD-AD22103KTZ Datasheet
431Kb / 6P
   33 V Supply, Voltage Output Temperature Sensor with Signal Conditioning
REV. 0
AD22103 AD-AD22103 Datasheet
224Kb / 6P
   3.3 V Supply, Voltage Output Temperature Sensor with Signal Conditioning
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com