Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD22100SR-REEL7 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD22100SR-REEL7
Szczegółowy opis  Voltage Output Temperature Sensor with Signal Conditioning
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD22100SR-REEL7 Arkusz danych(HTML) 5 Page - Analog Devices

  AD22100SR-REEL7 Datasheet HTML 1Page - Analog Devices AD22100SR-REEL7 Datasheet HTML 2Page - Analog Devices AD22100SR-REEL7 Datasheet HTML 3Page - Analog Devices AD22100SR-REEL7 Datasheet HTML 4Page - Analog Devices AD22100SR-REEL7 Datasheet HTML 5Page - Analog Devices AD22100SR-REEL7 Datasheet HTML 6Page - Analog Devices AD22100SR-REEL7 Datasheet HTML 7Page - Analog Devices AD22100SR-REEL7 Datasheet HTML 8Page - Analog Devices AD22100SR-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD22100
Rev. D | Page 5 of 12
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
12
3
GND
VO
V+
BOTTOM VIEW
(Not to Scale)
Figure 3. 3-Lead TO-92
Table 4. 3-Lead TO-92 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
V+
Power Supply Input.
2
VO
Device Output.
3
GND
Ground Pin Must Be Connected to 0 V.
V+
1
VO 2
NC
3
GND
4
NC
8
NC
7
NC
6
NC
5
NC = NO CONNECT
AD22100
TOP VIEW
(Not to Scale)
Figure 4. 8-Lead SOIC
Table 5. 8-Lead SOIC Pin Function Descriptions
Pin No.
Mnemonic
Description
1
V+
Power Supply Input.
2
VO
Device Output.
3
NC
No Connect.
4
GND
Ground Pin Must Be Connected to 0 V.
5
NC
No Connect.
6
NC
No Connect.
7
NC
No Connect.
8
NC
No Connect.


Podobny numer części - AD22100SR-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD22100SR-REEL7 AD-AD22100SR-REEL7 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100SR-REEL7 AD-AD22100SR-REEL7 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100SR-REEL7 AD-AD22100SR-REEL7 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100SR-REEL7 AD-AD22100SR-REEL7 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
More results

Podobny opis - AD22100SR-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD22100 AD-AD22100 Datasheet
230Kb / 6P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. B
AD22100 AD-AD22100_04 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100STZ AD-AD22100STZ Datasheet
216Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ATZ AD-AD22100ATZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22103 AD-AD22103_15 Datasheet
431Kb / 6P
   3.3V Supply Voltage Output Temperature Sensor with Signal Conditioning
REV. 0
AD22103KTZ AD-AD22103KTZ Datasheet
431Kb / 6P
   33 V Supply, Voltage Output Temperature Sensor with Signal Conditioning
REV. 0
AD22103 AD-AD22103 Datasheet
224Kb / 6P
   3.3 V Supply, Voltage Output Temperature Sensor with Signal Conditioning
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com