Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

7-1470209-6 Arkusz danych(PDF) 1 Page - Tyco Electronics

Numer części 7-1470209-6
Szczegółowy opis  AMPMODU 2.0mm PITCH REC CONN, VERTICAL MOUNT TYPE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

7-1470209-6 Arkusz danych(HTML) 1 Page - Tyco Electronics

  7-1470209-6 Datasheet HTML 1Page - Tyco Electronics 7-1470209-6 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Podobny numer części - 7-1470209-6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
7-147095-0 MACOM-7-147095-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
7-147095-1 MACOM-7-147095-1 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
7-147095-2 MACOM-7-147095-2 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
7-147095-3 MACOM-7-147095-3 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
7-147095-4 MACOM-7-147095-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
More results

Podobny opis - 7-1470209-6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
1775470-2 MACOM-1775470-2 Datasheet
515Kb / 4P
   HPI CONN., 2.0MM PITCH, V/T, SMT TYPE
181299-1 MACOM-181299-1 Datasheet
84Kb / 1P
   AMPMODU I REC. CONTACT, STD.PRESSURE, C.O.S.I.
logo
Weidmuller
0500398100 WEIDMULLER-0500398100 Datasheet
71Kb / 1P
   2.5 WATERPROOF CONN CRIMP REC
0500398000 WEIDMULLER-0500398000 Datasheet
71Kb / 1P
   2.5 WATERPROOF CONN CRIMP REC
logo
SUYIN USA, INC.
200138FR044G282ZA SUYIN-USA-200138FR044G282ZA Datasheet
100Kb / 1P
   2.0mm Pitch SOCKET R/A HDD CONN
200135FA012G233ZR SUYIN-USA-200135FA012G233ZR Datasheet
68Kb / 1P
   2.0mm Pitch SOCKET DUAL ROW SMT CONN
logo
Tyco Electronics
280708 MACOM-280708 Datasheet
94Kb / 1P
   AMPMODU II REC, CONTACT, HIGH PRESSURE, C.O.S.I.
280530-1 MACOM-280530-1 Datasheet
120Kb / 1P
   AMPMODU II REC. CONTACT, STD PRESSURE, C.O.S.I.
181271-2 MACOM-181271-2 Datasheet
91Kb / 1P
   AMPMODU II REC. CONTACT, STD PRESSURE, C.O.S.I.
logo
SUYIN USA, INC.
200222ME SUYIN-USA-200222ME Datasheet
112Kb / 1P
   2.0mm PITCH PLUG EDGE MOUNT TYPE
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com