Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQD12P10 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FQD12P10
Szczegółowy opis  100V P-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD12P10 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FQD12P10 Datasheet HTML 1Page - Fairchild Semiconductor FQD12P10 Datasheet HTML 2Page - Fairchild Semiconductor FQD12P10 Datasheet HTML 3Page - Fairchild Semiconductor FQD12P10 Datasheet HTML 4Page - Fairchild Semiconductor FQD12P10 Datasheet HTML 5Page - Fairchild Semiconductor FQD12P10 Datasheet HTML 6Page - Fairchild Semiconductor FQD12P10 Datasheet HTML 7Page - Fairchild Semiconductor FQD12P10 Datasheet HTML 8Page - Fairchild Semiconductor FQD12P10 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B, August 2002
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-1
10
0
" No te s :
1 . Z
$ JC (t) = 2 .5
! /W M a x .
2 . D u ty F a c t o r , D = t
1 /t 2
3 . T
JM - T C = P DM * Z $ JC (t)
s i ngle puls e
D= 0 . 5
0. 02
0. 2
0. 05
0. 1
0. 01
t
1 , S q u a r e W a v e P u l s e D u r a tio n [s e c ]
25
50
75
100
125
150
0
2
4
6
8
10
T
C, Case Temperature [
!]
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
DC
10 ms
1 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
" Notes :
1. T
C = 25
o
C
2. T
J = 150
o
C
3. Single Pulse
-V
DS, Drain-Source Voltage [V]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
" Notes :
1. V
GS = -10 V
2. I
D = -4.7 A
T
J, Junction Temperature [
o
C]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
" Notes :
1. V
GS = 0 V
2. I
D
= -250 # A
T
J, Junction Temperature [
o
C]
Typical Characteristics (Continued)
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 7. Breakdown Voltage Variation
vs. Temperature
Figure 8. On-Resistance Variation
vs. Temperature
Figure 11. Transient Thermal Response Curve
t
1
PDM
t
2


Podobny numer części - FQD12P10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQD12P10 FAIRCHILD-FQD12P10 Datasheet
672Kb / 9P
   100V P-Channel MOSFET
logo
Guangdong Kexin Industr...
FQD12P10 KEXIN-FQD12P10 Datasheet
2Mb / 4P
   P-Channel MOSFET
logo
VBsemi Electronics Co.,...
FQD12P10 VBSEMI-FQD12P10 Datasheet
1,017Kb / 9P
   P-Channel 100 V (D-S) MOSFET
logo
Fairchild Semiconductor
FQD12P10TM FAIRCHILD-FQD12P10TM Datasheet
672Kb / 9P
   100V P-Channel MOSFET
FQD12P10TMF085 FAIRCHILD-FQD12P10TMF085 Datasheet
883Kb / 8P
   100V P-Channel MOSFET
More results

Podobny opis - FQD12P10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQPF12P10 FAIRCHILD-FQPF12P10 Datasheet
631Kb / 8P
   100V P-Channel MOSFET
FQAF17P10 FAIRCHILD-FQAF17P10 Datasheet
667Kb / 8P
   100V P-Channel MOSFET
FQD12P10TMF085 FAIRCHILD-FQD12P10TMF085 Datasheet
883Kb / 8P
   100V P-Channel MOSFET
logo
Unisonic Technologies
12P10 UTC-12P10 Datasheet
256Kb / 7P
   100V P-CHANNEL MOSFET
logo
Guangdong Kexin Industr...
KQD5P10 KEXIN-KQD5P10 Datasheet
63Kb / 2P
   100V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM22P10 KERSEMI-KSM22P10 Datasheet
1Mb / 6P
   100V P-Channel MOSFET
KSMD8P10TM_F085 KERSEMI-KSMD8P10TM_F085 Datasheet
995Kb / 6P
   100V P-Channel MOSFET
logo
Fairchild Semiconductor
FQB5P10TM FAIRCHILD-FQB5P10TM Datasheet
680Kb / 9P
   100V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD5P10 KERSEMI-KSMD5P10 Datasheet
1Mb / 8P
   100V P-Channel MOSFET
KSMD8P10 KERSEMI-KSMD8P10 Datasheet
1Mb / 6P
   100V P-Channel MOSFET
logo
Fairchild Semiconductor
FQA17P10 FAIRCHILD-FQA17P10 Datasheet
676Kb / 8P
   100V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com