Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQD13N06L Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FQD13N06L
Szczegółowy opis  60V LOGIC N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD13N06L Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FQD13N06L Datasheet HTML 1Page - Fairchild Semiconductor FQD13N06L Datasheet HTML 2Page - Fairchild Semiconductor FQD13N06L Datasheet HTML 3Page - Fairchild Semiconductor FQD13N06L Datasheet HTML 4Page - Fairchild Semiconductor FQD13N06L Datasheet HTML 5Page - Fairchild Semiconductor FQD13N06L Datasheet HTML 6Page - Fairchild Semiconductor FQD13N06L Datasheet HTML 7Page - Fairchild Semiconductor FQD13N06L Datasheet HTML 8Page - Fairchild Semiconductor FQD13N06L Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Rev. A1. May 2001
©2001 Fairchild Semiconductor Corporation
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 870
µH, I
AS = 11A, VDD = 25V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 13.6A, di/dt ≤ 300A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width ≤ 300
µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
60
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.05
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 60 V, VGS = 0 V
--
--
1
µA
VDS = 48 V, TC = 150°C
--
--
10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 20 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -20 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
1.0
--
2.5
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 5.5 A
VGS = 5 V, ID = 5.5 A
--
--
0.092
0.115
0.115
0.145
gFS
Forward Transconductance
VDS = 25 V, ID = 5.5 A
--
6
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
270
350
pF
Coss
Output Capacitance
--
95
125
pF
Crss
Reverse Transfer Capacitance
--
17
23
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 30 V, ID = 6.8 A,
RG = 25 Ω
--
8
25
ns
tr
Turn-On Rise Time
--
90
190
ns
td(off)
Turn-Off Delay Time
--
20
50
ns
tf
Turn-Off Fall Time
--
40
90
ns
Qg
Total Gate Charge
VDS = 48 V, ID = 13.6 A,
VGS = 5 V
--
4.8
6.4
nC
Qgs
Gate-Source Charge
--
1.6
--
nC
Qgd
Gate-Drain Charge
--
2.7
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
11
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
44
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 11 A
--
--
1.5
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 13.6 A,
dIF / dt = 100 A/µs
--
45
--
ns
Qrr
Reverse Recovery Charge
--
45
--
nC
(Note 4)
(Note 4, 5)
(Note 4, 5)
(Note 4)


Podobny numer części - FQD13N06L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQD13N06L FAIRCHILD-FQD13N06L Datasheet
916Kb / 10P
   N-Channel QFET짰 MOSFET 60 V, 11 A, 115 m廓
FQD13N06L FAIRCHILD-FQD13N06L Datasheet
916Kb / 10P
   N-Channel QFET짰 MOSFET
logo
Guangdong Youtai Semico...
FQD13N06L UMW-FQD13N06L Datasheet
787Kb / 6P
   60V N -Channel MOSFET
logo
Fairchild Semiconductor
FQD13N06LTM FAIRCHILD-FQD13N06LTM Datasheet
916Kb / 10P
   N-Channel QFET짰 MOSFET 60 V, 11 A, 115 m廓
logo
Guangdong Youtai Semico...
FQD13N06LTM UMW-FQD13N06LTM Datasheet
787Kb / 6P
   60V N -Channel MOSFET
More results

Podobny opis - FQD13N06L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQB20N06L FAIRCHILD-FQB20N06L Datasheet
680Kb / 9P
   60V LOGIC N-Channel MOSFET
FQP20N06L FAIRCHILD-FQP20N06L Datasheet
673Kb / 8P
   60V LOGIC N-Channel MOSFET
FQP50N06L FAIRCHILD-FQP50N06L Datasheet
647Kb / 8P
   60V LOGIC N-Channel MOSFET
FQPF20N06L FAIRCHILD-FQPF20N06L Datasheet
661Kb / 8P
   60V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU20N06L KERSEMI-KSMU20N06L Datasheet
1Mb / 8P
   60V LOGIC N-Channel MOSFET
logo
Fairchild Semiconductor
FQP30N06L FAIRCHILD-FQP30N06L Datasheet
623Kb / 8P
   60V LOGIC N-Channel MOSFET
FQPF50N06L FAIRCHILD-FQPF50N06L Datasheet
664Kb / 8P
   60V LOGIC N-Channel MOSFET
FQU20N06L FAIRCHILD-FQU20N06L_09 Datasheet
860Kb / 9P
   60V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM50N06L KERSEMI-KSM50N06L Datasheet
1Mb / 6P
   60V LOGIC N-Channel MOSFET
KSM30N06L KERSEMI-KSM30N06L Datasheet
1Mb / 6P
   60V LOGIC N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com