Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2039D1YFFEVM Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części TPA2039D1YFFEVM
Szczegółowy opis  3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA2039D1YFFEVM Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button TPA2039D1YFFEVM Datasheet HTML 3Page - Texas Instruments TPA2039D1YFFEVM Datasheet HTML 4Page - Texas Instruments TPA2039D1YFFEVM Datasheet HTML 5Page - Texas Instruments TPA2039D1YFFEVM Datasheet HTML 6Page - Texas Instruments TPA2039D1YFFEVM Datasheet HTML 7Page - Texas Instruments TPA2039D1YFFEVM Datasheet HTML 8Page - Texas Instruments TPA2039D1YFFEVM Datasheet HTML 9Page - Texas Instruments TPA2039D1YFFEVM Datasheet HTML 10Page - Texas Instruments TPA2039D1YFFEVM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
VDD − Supply Voltage − V
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1.00
1.25
1.50
1.75
2.00
RL = No Load
RL = 8 Ω + 33 µH
RL = 4 Ω + 33 µH
VEN − EN Voltage − V
0.0
0.1
0.2
0.3
0.4
0.5
0
50
100
150
200
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
RL − Load Resistance − Ω
4
8
12
16
20
24
28
32
0
1
2
3
4
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
THD+N = 10 %
Frequency = 1 kHz
RL − Load Resistance − Ω
4
8
12
16
20
24
28
32
0
1
2
3
4
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
THD+N = 1 %
Frequency = 1 kHz
VDD − Supply Voltage − V
2.5
3.0
3.5
4.0
4.5
5.0
0
1
2
3
4
RL = 4 Ω, THD+N = 1 %
RL = 4 Ω, THD+N = 10 %
RL = 8 Ω, THD+N = 1 %
RL = 8 Ω, THD+N = 10 %
Frequency = 1 kHz
PO − Output Power − W
10m
100m
1
5
0.01
0.1
1
10
100
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
RL = 4 Ω + 33 µH
TPA2039D1
www.ti.com
SLOS652A – DECEMBER 2009 – REVISED JUNE 2010
TYPICAL CHARACTERISTICS (continued)
VDD = 3.6 V, CI = 0.1 mF, CS1 = 0.1 mF, CS2 = 10 mF, TA = 25°C, RL = 8 Ω (unless otherwise noted)
SUPPLY CURRENT
SUPPLY CURRENT
vs SUPPLY VOLTAGE
vs EN VOLTAGE
Figure 7.
Figure 8.
OUTPUT POWER
OUTPUT POWER
vs LOAD RESISTANCE
vs LOAD RESISTANCE
Figure 9.
Figure 10.
OUTPUT POWER
THD + NOISE
vs SUPPLY VOLTAGE
vs OUTPUT POWER
Figure 11.
Figure 12.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :TPA2039D1


Podobny numer części - TPA2039D1YFFEVM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2039D1YFFR TI-TPA2039D1YFFR Datasheet
452Kb / 17P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
TPA2039D1YFFT TI-TPA2039D1YFFT Datasheet
452Kb / 17P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
More results

Podobny opis - TPA2039D1YFFEVM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2039D1 TI-TPA2039D1 Datasheet
452Kb / 17P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
TPA2037D1 TI-TPA2037D1_15 Datasheet
905Kb / 20P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
TPA2037D1 TI-TPA2037D1 Datasheet
499Kb / 17P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
TPA2011D1 TI-TPA2011D1 Datasheet
619Kb / 23P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
logo
Diodes Incorporated
PAM8014 DIODES-PAM8014 Datasheet
706Kb / 9P
   3.2W MONO CLASS D AUDIO AMPLIFIER
logo
Texas Instruments
TPA2038D1 TI-TPA2038D1_15 Datasheet
934Kb / 23P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2038D1 TI1-TPA2038D1 Datasheet
753Kb / 22P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
Nuvoton Technology Corp...
NAU82039 NUVOTON-NAU82039 Datasheet
788Kb / 18P
   3.2W Mono Filter-Free Class-D Audio Amplifier
logo
List of Unclassifed Man...
NAU82039 ETC2-NAU82039 Datasheet
788Kb / 18P
   3.2W Mono Filter-Free Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com