Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQD2N100 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FQD2N100
Szczegółowy opis  1000V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD2N100 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FQD2N100 Datasheet HTML 1Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 2Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 3Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 4Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 5Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 6Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 7Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 8Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Rev. A, February 2002
©2002 Fairchild Semiconductor Corporation
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
※ N o te s :
1 . Z
θ JC(t ) = 2 . 5
℃ /W M a x .
2 . D u ty F a c t o r , D = t
1
/t
2
3 . T
JM - T C =
P
DM * Z θ
JC(t )
s i ng le pu ls e
D= 0 . 5
0. 0 2
0. 2
0. 0 5
0. 1
0. 0 1
t
1 , S q u a r e
W a v e P u ls e D u ra tio n [s e c ]
25
50
75
100
125
150
0.0
0.3
0.6
0.9
1.2
1.5
1.8
T
C, Case Temperature [
℃]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
µs
DC
10 ms
1 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
※ Notes :
1. T
C = 25
o
C
2. T
J = 150
o
C
3. Single Pulse
V
DS, Drain-Source Voltage [V]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
※ Notes :
1. V
GS = 10 V
2. I
D = 0.8 A
T
J
, Junction Temperature [
o
C]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
※Notes:
1. V
GS
=0V
2. I
D = 250µA
T
J, Junction Temperature [
o
C]
Typical Characteristics
(Continued)
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 7. Breakdown Voltage Variation
vs. Temperature
Figure 8. On-Resistance Variation
vs. Temperature
Figure 11. Transient Thermal Response Curve
t1
PDM
t
2


Podobny numer części - FQD2N100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQD2N100 FAIRCHILD-FQD2N100 Datasheet
736Kb / 9P
   1000V N-Channel MOSFET
FQD2N100 FAIRCHILD-FQD2N100 Datasheet
2Mb / 9P
   N-Channel QFET짰 MOSFET
logo
Inchange Semiconductor ...
FQD2N100 ISC-FQD2N100 Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQD2N100TM FAIRCHILD-FQD2N100TM Datasheet
736Kb / 9P
   1000V N-Channel MOSFET
More results

Podobny opis - FQD2N100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQD2N100TM FAIRCHILD-FQD2N100TM Datasheet
736Kb / 9P
   1000V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2N100 KERSEMI-KSMD2N100 Datasheet
1Mb / 8P
   1000V N-Channel MOSFET
KSMU2N100 KERSEMI-KSMU2N100 Datasheet
1Mb / 8P
   1000V N-Channel MOSFET
logo
Fairchild Semiconductor
FQA8N100C FAIRCHILD-FQA8N100C Datasheet
693Kb / 8P
   1000V N-Channel MOSFET
FQH8N100C FAIRCHILD-FQH8N100C Datasheet
998Kb / 8P
   1000V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOK5N100 AOSMD-AOK5N100 Datasheet
294Kb / 5P
   1000V,4A N-Channel MOSFET
AOD2N100 AOSMD-AOD2N100 Datasheet
2Mb / 6P
   1000V,2A N-Channel MOSFET
AOT5N100 AOSMD-AOT5N100 Datasheet
344Kb / 6P
   1000V,4A N-Channel MOSFET
logo
SHIKUES Electronics
SK02N100T SKTECHNOLGY-SK02N100T Datasheet
1Mb / 5P
   1000V, 2A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com