Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

93LC86-SN Arkusz danych(PDF) 3 Page - Microchip Technology

Numer części 93LC86-SN
Szczegółowy opis  Single Supply with Programming Operation down to 2.5V
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC86-SN Arkusz danych(HTML) 3 Page - Microchip Technology

  93LC86-SN Datasheet HTML 1Page - Microchip Technology 93LC86-SN Datasheet HTML 2Page - Microchip Technology 93LC86-SN Datasheet HTML 3Page - Microchip Technology 93LC86-SN Datasheet HTML 4Page - Microchip Technology 93LC86-SN Datasheet HTML 5Page - Microchip Technology 93LC86-SN Datasheet HTML 6Page - Microchip Technology 93LC86-SN Datasheet HTML 7Page - Microchip Technology 93LC86-SN Datasheet HTML 8Page - Microchip Technology 93LC86-SN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
 2010 Microchip Technology Inc.
DS21131F-page 3
93LC76/86
TABLE 1-1:
DC CHARACTERISTICS
DC CHARACTERISTICS
Applicable over recommended operating ranges shown below unless otherwise noted:
VCC = +2.5V to +6.0V
Commercial (C): TA = 0°C to +70°C
Industrial
(I): TA = -40°C to +85°C
Parameter
Symbol
Min.
Max.
Units
Conditions
High-level input voltage
VIH1
2.0
VCC + 1
V
VCC
 2.7V
VIH2
0.7 VCC
VCC + 1
V
VCC < 2.7V
Low-level input voltage
VIL1
-0.3
0.8
V
VCC
 2.7V
VIL2
-0.3
0.2 VCC
VVCC < 2.7V
Low-level output voltage
VOL1
—0.4
V
IOL = 2.1 mA; VCC = 4.5V
VOL2
—0.2
V
IOL =100
A; VCC = VCC Min.
High-level output voltage
VOH1
2.4
V
IOH = -400
A; VCC = 4.5V
VOH2
VCC-0.2
V
IOH = -100
A; VCC = VCC Min.
Input leakage current
ILI
-10
10
AVIN = 0.1V to VCC
Output leakage current
ILO
-10
10
AVOUT = 0.1V to VCC
Pin capacitance
(all inputs/outputs)
CINT
—7
pF
(Note 1)
TA = +25°C, FCLK = 1 MHz
Operating current
ICC write
3
mA
VCC = 5.5V
ICC read
1
500
mA
A
FCLK = 3 MHz; VCC = 5.5V
FCLK = 1 MHz; VCC = 3.0V
Standby current
ICCS
—100
30
A
A
CLK = CS = 0V; VCC = 5.5V
CLK = CS = 0V; VCC = 3.0V
DI = PE = VSS
ORG = VSS or VCC
Note 1:
This parameter is periodically sampled and not 100% tested.


Podobny numer części - 93LC86-SN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
93LC86-SN MICROCHIP-93LC86-SN Datasheet
86Kb / 12P
   8K/16K 2.5V Microwire Serial EEPROM
1996
More results

Podobny opis - 93LC86-SN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
24LCS22A-ISNG MICROCHIP-24LCS22A-ISNG Datasheet
365Kb / 26P
   Single Supply with Operation Down to 2.5V
01/02/08
logo
Maxim Integrated Produc...
MAX98356EVKIT MAXIM-MAX98356EVKIT Datasheet
2Mb / 20P
   2.5V to 5.5V Single-Supply Operation
19-6408; Rev 0; 7/12
MAX98502EVKIT MAXIM-MAX98502EVKIT Datasheet
1Mb / 7P
   2.5V to 5.5V Single-Supply Operation
19-6275; Rev 0; 4/12
MAX98355EVKIT MAXIM-MAX98355EVKIT Datasheet
1Mb / 16P
   2.5V to 5.5V Single-Supply Operation
19-6407; Rev 0; 7/12
MAX98358 MAXIM-MAX98358 Datasheet
589Kb / 13P
   2.5V to 5.5V Single-Supply Operation
19-3853; Rev 0; 2/17
MAX98309EVKIT MAXIM-MAX98309EVKIT Datasheet
1Mb / 8P
   2.5V to 5.5V Single-Supply Operation
19-5979; Rev 0; 7/11
logo
Hotchip Technology Co.,...
AT24C02 HOTCHIP-AT24C02 Datasheet
909Kb / 13P
   Single supply with operation down to 1.8v
logo
Microchip Technology
24LCS52-ST MICROCHIP-24LCS52-ST Datasheet
822Kb / 36P
   Single Supply with Operation Down to 1.8V
08/02/11
24LC128-ISN MICROCHIP-24LC128-ISN Datasheet
952Kb / 38P
   Single Supply with Operation down to 1.7V for 24AA128/24FC128 devices, 2.5V for 24LC128 Devices
01/05/10
logo
Micross Components
AS8SF384K32 MICROSS-AS8SF384K32 Datasheet
185Kb / 14P
   Operation with single 5V supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com