Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MRF1507 Arkusz danych(PDF) 1 Page - Motorola, Inc

Numer części MRF1507
Szczegółowy opis  LATERAL NCHANNEL BROADBAND RF POWER MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF1507 Arkusz danych(HTML) 1 Page - Motorola, Inc

  MRF1507 Datasheet HTML 1Page - Motorola, Inc MRF1507 Datasheet HTML 2Page - Motorola, Inc MRF1507 Datasheet HTML 3Page - Motorola, Inc MRF1507 Datasheet HTML 4Page - Motorola, Inc MRF1507 Datasheet HTML 5Page - Motorola, Inc MRF1507 Datasheet HTML 6Page - Motorola, Inc MRF1507 Datasheet HTML 7Page - Motorola, Inc MRF1507 Datasheet HTML 8Page - Motorola, Inc MRF1507 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
MRF1507 MRF1507T1
MOTOROLA RF DEVICE DATA
The RF MOSFET Line
RF Power Field Effect Transistor
N–Channel Enhancement–Mode Lateral MOSFETs
The MRF1507 is designed for broadband commercial and industrial
applications at frequencies to 520 MHz. The high gain and broadband
performance of this device makes it ideal for large–signal, common source
amplifier applications in 7.5 volt portable FM equipment.
• Specified Performance @ 520 MHz, 7.5 Volts
Output Power — 8 Watts
Power Gain — 10 dB
Efficiency — 65%
• Characterized with Series Equivalent Large–Signal
Impedance Parameters
• Excellent Thermal Stability
• Capable of Handling 20:1 VSWR, @ 9.5 Vdc,
520 MHz, 2 dB Overdrive
• Broadband UHF/VHF Demonstration Amplifier
Information Available Upon Request
• RF Power Plastic Surface Mount Package
• Available in Tape and Reel by Adding T1 Suffix to
Part Number. T1 Suffix = 1,000 Units per 12 mm, 7 Inch Reel.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain–Source Voltage (1)
VDSS
25
Vdc
Gate–Source Voltage
VGS
±20
Vdc
Drain Current — Continuous
ID
4
Adc
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
62.5
0.50
Watts
W/
°C
Storage Temperature Range
Tstg
– 65 to +150
°C
Operating Junction Temperature
Tj
150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
2
°C/W
(1) Not designed for 12.5 volt applications.
NOTE – CAUTION – MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and
packaging MOS devices should be observed.
Order this document
by MRF1507/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MRF1507
MRF1507T1
8 W, 520 MHz, 7.5 V
LATERAL N–CHANNEL
BROADBAND
RF POWER MOSFET
CASE 466–02, STYLE 1
(PLD 1.5)
© Motorola, Inc. 1998
G
D
S
REV 1


Podobny numer części - MRF1507

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MRF150 MOTOROLA-MRF150 Datasheet
148Kb / 6P
   N-CHANNEL MOS LINEAR RF POWER FET
logo
Tyco Electronics
MRF150 MACOM-MRF150 Datasheet
183Kb / 8P
   N-CHANNEL MOS LINEAR RF POWER FET
logo
M/A-COM Technology Solu...
MRF150 MA-COM-MRF150 Datasheet
285Kb / 9P
   RF Power FET 150W, to 150MHz, 50V
logo
Advanced Semiconductor
MRF150 ASI-MRF150 Datasheet
19Kb / 1P
   SILICON RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF150 MA-COM-MRF150 Datasheet
285Kb / 9P
   RF Power FET 150W, to 150MHz, 50V
More results

Podobny opis - MRF1507

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MRF185 MOTOROLA-MRF185 Datasheet
56Kb / 4P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
MRF3010 MOTOROLA-MRF3010 Datasheet
106Kb / 8P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET Broadband RF Power MOSFET
logo
Motorola, Inc
MRF183 MOTOROLA-MRF183 Datasheet
221Kb / 10P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF184 MOTOROLA-MRF184 Datasheet
194Kb / 9P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF282 MOTOROLA-MRF282 Datasheet
142Kb / 11P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF182 MOTOROLA-MRF182 Datasheet
133Kb / 8P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154_15 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET
MRF154 MA-COM-MRF154_17 Datasheet
735Kb / 10P
   Broadband RF Power MOSFET
logo
Motorola, Inc
MRF160 MOTOROLA-MRF160 Datasheet
122Kb / 8P
   MOSFET BROADBAND RF POWER FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com