Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3017 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części LM3017
Szczegółowy opis  High Efficiency Low-Side Controller with True Shutdown
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM3017 Arkusz danych(HTML) 1 Page - Texas Instruments

  LM3017_13 Datasheet HTML 1Page - Texas Instruments LM3017_13 Datasheet HTML 2Page - Texas Instruments LM3017_13 Datasheet HTML 3Page - Texas Instruments LM3017_13 Datasheet HTML 4Page - Texas Instruments LM3017_13 Datasheet HTML 5Page - Texas Instruments LM3017_13 Datasheet HTML 6Page - Texas Instruments LM3017_13 Datasheet HTML 7Page - Texas Instruments LM3017_13 Datasheet HTML 8Page - Texas Instruments LM3017_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
30180901
LM3017
www.ti.com
SNOSC66C – MARCH 2012 – REVISED MARCH 2013
High Efficiency Low-Side Controller with True Shutdown
Check for Samples: LM3017
1
FEATURES
KEY SPECIFICATION
2
Fully Compliant to Thunderbolt™ Technology
Input Voltage Range of 5V to 18V
Specifications
600 kHz fixed Frequency Operation
True Shutdown for Short Circuit Protection
±1% Reference Voltage Accuracy Over
Input Side Current Limit
Temperature
Single Enable Pin with Three Modes of
Low Shutdown Current (< 1µA), 40nA Typical
Operation: Boost, Pass Through, or Shutdown
DESCRIPTION
Built-in Charge Pump for High-side NFET
The LM3017 is a versatile low-side NFET controller
Disconnect Switch
incorporating true shutdown and input side current
1A Push-pull Driver for Low-side NFET
limiting. It is designed for simple implementation of
Peak Current Mode Control
boost conversions in Thunderbolt™ Technology. The
LM3017 can also be configured for flyback or SEPIC
Simple Slope Compensation
designs. The input voltage range of 5V to 18V
Protection Features: Thermal Shutdown,
accommodates a two or three cell lithium ion battery
Cycle-by-cycle Current Limit, Short Circuit
or a 12V rail. The enable pin accepts a single input to
Protection, Output Overvoltage Protection, and
drive three different modes of operation: boost, pass
Latch-off
through, or shutdown mode. The LM3017 draws very
Internal Soft-start
low current in shutdown mode, typically 40nA from
the input supply.
2.4mm × 2.7mm × 0.8mm 10-pin QFN Package
The LM3017 provides an adjustable output in order to
APPLICATIONS
drive the Power Load Switch or Mux for the host
Thunderbolt™ port. The ability to drive an external
Thunderbolt Technology™ Host Ports
high-side NMOS provides for true isolation of the load
Notebook and Desktop Computers, Tablets,
from the input. Current limiting on the input ensures
and Other Portable Consumer Electronics
that inrush and short-circuit currents are always under
control. The LM3017 incorporates built in thermal
Hard Disc Drives, Solid State Drives
shutdown, cycle-by-cycle current limit, short-circuit
Offline Power Supplies
protection, output overvoltage protection, and soft-
Set-Top Boxes
start. It is available in a 10-pin QFN package.
TYPICAL APPLICATION CIRCUIT
Typical Boost Converter Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Thunderbolt is a trademark of Intell Corporation.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - LM3017_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3017 TI1-LM3017_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI-LM3017_15 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
More results

Podobny opis - LM3017_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3017 TI-LM3017_15 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI1-LM3017_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI1-LM3017 Datasheet
362Kb / 13P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
logo
Maxim Integrated Produc...
MAX8570 MAXIM-MAX8570 Datasheet
287Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
MAX8570-MAX8575 MAXIM-MAX8570-MAX8575 Datasheet
654Kb / 10P
   High-Efficiency LCD Boost with True Shutdown
Rev 1; 10/04
MAX8570 MAXIM-MAX8570_10 Datasheet
252Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 3; 3/10
MAX8743 MAXIM-MAX8743 Datasheet
864Kb / 27P
   Dual, High-Efficiency, Step-Down Controller with High Impedance in Shutdown
Rev 0; 6/04
logo
SMSC Corporation
EMC2105 SMSC-EMC2105 Datasheet
1Mb / 90P
   RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
EMC2105 SMSC-EMC2105_09 Datasheet
1Mb / 89P
   RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
logo
National Semiconductor ...
LM3488 NSC-LM3488_05 Datasheet
1,001Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com