Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74F186AP-RC Arkusz danych(PDF) 1 Page - Bourns Electronic Solutions

Numer części 74F186AP-RC
Szczegółowy opis  High Q, high self-resonant frequency Varnish coated
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOURNS [Bourns Electronic Solutions]
Strona internetowa  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

74F186AP-RC Arkusz danych(HTML) 1 Page - Bourns Electronic Solutions

  74F186AP-RC Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel. (877) 426-8767 • Fax (951) 781-5006
www.bourns.com
20.6
Varnished Chokes
Special Features
• High Q, high self-resonant frequency
• High voltage application on phenolic components
• Single layer wound
• Low cost
• Varnish coated
• Color dot identification
• Operating temperature: phenolic -55 to
+125 °C; iron -55 to +105 °C
Notes
* Current to cause 35 °C max. temperature rise
74F Series
Part
Number
L (µH)
±20 %
Q
Min.
Test
Freq.
(MHz)
SRF
(MHz)
Min.
DCR
Max.
I, DC*
(mA)
Core
Material
74F106AP-RC
1.0
45
7.96
190
0.20
1000
Phenolic
74F126AP-RC
1.2
45
7.96
174
0.22
950
Phenolic
74F156AP-RC
1.5
45
7.96
160
0.25
900
Phenolic
74F186AP-RC
1.8
45
7.96
144
0.28
850
Phenolic
74F226AP-RC
2.2
45
7.96
132
0.30
800
Phenolic
±10 %
74F276AP-RC
2.7
45
7.96
119
0.50
700
Phenolic
74F336AP-RC
3.3
45
7.96
108
0.70
600
Phenolic
74F396AP-RC
3.9
45
7.96
101
0.80
500
Phenolic
74F476AP-RC
4.7
50
7.96
91
1.0
400
Phenolic
74F566AP-RC
5.6
50
7.96
83
1.8
350
Phenolic
74F686AP-RC
6.8
50
7.96
75
1.85
300
Phenolic
74F826AP-RC
8.2
50
7.96
68
1.9
275
Phenolic
74F105AP-RC
10
50
7.96
62
3.0
250
Phenolic
74F125AP-RC
12
30
2.52
57
3.6
200
Phenolic
74F155AP-RC
15
30
2.52
51
6.0
150
Phenolic
74F185AP-RC
18
30
2.52
46
7.5
100
Phenolic
74F225AI-RC
22
85
2.52
28
2.0
500
Iron
74F275AI-RC
27
80
2.52
26
1.85
450
Iron
74F335AI-RC
33
80
2.52
24
2.0
450
Iron
74F395AI-RC
39
90
2.52
21
2.6
400
Iron
74F475AI-RC
47
90
2.52
19
3.5
350
Iron
74F565AI-RC
56
90
2.52
18
3.75
300
Iron
74F685AI-RC
68
90
2.52
17
4.0
250
Iron
74F825AI-RC
82
100
2.52
15
5.1
200
Iron
74F104AI-RC
100
100
2.52
14
6.0
100
Iron
1.5
0.5
0.20 Max.
Dia.
0.032 for 1-18uh
0.029 for 22-100uh
Dimensions: Inches
† RoHS Directive 2002/95/EC Jan 27 2003
including Annex.
“-RC” suffix indicates RoHS compliance.
REV. 06/07


Podobny numer części - 74F186AP-RC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74F1804 PHILIPS-74F1804 Datasheet
76Kb / 8P
   Hex 2-input NAND drivers
1990 Sep 14
74F1805 PHILIPS-74F1805 Datasheet
102Kb / 8P
   Hex 2-input NOR drivers
1990 Sep 14
74F1808 PHILIPS-74F1808 Datasheet
74Kb / 8P
   Hex 2-input AND drivers
1991 Jan 02
logo
National Semiconductor ...
74F181 NSC-74F181 Datasheet
218Kb / 10P
   4-Bit Arithmetic Logic Unit
logo
NXP Semiconductors
74F181 PHILIPS-74F181 Datasheet
82Kb / 9P
   Arithmetic logic unit
March 3, 1989
More results

Podobny opis - 74F186AP-RC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
73F104AF-RC BOURNS-73F104AF-RC Datasheet
469Kb / 1P
   High Q, high self-resonant frequency
logo
List of Unclassifed Man...
4600 ETC-4600 Datasheet
44Kb / 1P
   High Q, high self-resonant frequency
logo
Bourns Electronic Solut...
70F107AP-RC BOURNS-70F107AP-RC Datasheet
504Kb / 2P
   High Q, high self-resonant frequency
4602-RC BOURNS-4602-RC Datasheet
108Kb / 1P
   High Q, high self-resonant frequency
logo
List of Unclassifed Man...
5300-33 ETC-5300-33 Datasheet
170Kb / 1P
   High current, high self resonant frequency
logo
Murata Manufacturing Co...
TZW4Z1R5A001B00 MURATA-TZW4Z1R5A001B00 Datasheet
197Kb / 3P
   Extremely high self-resonant frequency
TZW4Z1R5A001R00 MURATA-TZW4Z1R5A001R00 Datasheet
197Kb / 3P
   Extremely high self-resonant frequency
TZW4Z010A001B00 MURATA-TZW4Z010A001B00 Datasheet
197Kb / 3P
   Extremely high self-resonant frequency
TZW4Z010A001R00 MURATA-TZW4Z010A001R00 Datasheet
197Kb / 3P
   Extremely high self-resonant frequency
logo
Wurth Elektronik GmbH &...
784787150 WURTH-784787150 Datasheet
589Kb / 7P
   Self Resonant Frequency
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com