Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMZ14201TZ-ADJ Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części LMZ14201TZ-ADJ
Szczegółowy opis  LMZ14201 1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LMZ14201TZ-ADJ Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button LMZ14201TZ-ADJ Datasheet HTML 7Page - Texas Instruments LMZ14201TZ-ADJ Datasheet HTML 8Page - Texas Instruments LMZ14201TZ-ADJ Datasheet HTML 9Page - Texas Instruments LMZ14201TZ-ADJ Datasheet HTML 10Page - Texas Instruments LMZ14201TZ-ADJ Datasheet HTML 11Page - Texas Instruments LMZ14201TZ-ADJ Datasheet HTML 12Page - Texas Instruments LMZ14201TZ-ADJ Datasheet HTML 13Page - Texas Instruments LMZ14201TZ-ADJ Datasheet HTML 14Page - Texas Instruments LMZ14201TZ-ADJ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
0.47 PF
10 PH
Co
CIN
Cvcc
FB
EN
SS
Vin
Linear reg
RON
Timer
Css
RON
RFBT
RFBB
CFF
Regulator IC
VO
Internal
Passives
VOUT
GND
VIN 1
2
3
4
5
6
7
LMZ14201
www.ti.com
SNVS649E – JANUARY 2010 – REVISED MARCH 2013
APPLICATION BLOCK DIAGRAM
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMZ14201


Podobny numer części - LMZ14201TZ-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LMZ14201TZ-ADJ NSC-LMZ14201TZ-ADJ Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14201TZ-ADJ NSC-LMZ14201TZ-ADJ Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14201TZ-ADJ NSC-LMZ14201TZ-ADJ Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14201TZ-ADJ/NOPB TI-LMZ14201TZ-ADJ/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
LMZ14201TZ-ADJ/NOPB TI1-LMZ14201TZ-ADJ/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
More results

Podobny opis - LMZ14201TZ-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LMZ14201 NSC-LMZ14201_11 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14201 TI1-LMZ14201_14 Datasheet
2Mb / 24P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
National Semiconductor ...
LMZ14201 NSC-LMZ14201 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14201 NSC-LMZ14201_1 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202_1 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202_11 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14203 NSC-LMZ14203_11 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14203 TI-LMZ14203_13 Datasheet
2Mb / 25P
[Old version datasheet]   LMZ14203 3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
National Semiconductor ...
LMZ12001 NSC-LMZ12001 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com