Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMZ14202EXTTZE Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części LMZ14202EXTTZE
Szczegółowy opis  LMZ14202EXT 2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LMZ14202EXTTZE Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button LMZ14202EXTTZE Datasheet HTML 6Page - Texas Instruments LMZ14202EXTTZE Datasheet HTML 7Page - Texas Instruments LMZ14202EXTTZE Datasheet HTML 8Page - Texas Instruments LMZ14202EXTTZE Datasheet HTML 9Page - Texas Instruments LMZ14202EXTTZE Datasheet HTML 10Page - Texas Instruments LMZ14202EXTTZE Datasheet HTML 11Page - Texas Instruments LMZ14202EXTTZE Datasheet HTML 12Page - Texas Instruments LMZ14202EXTTZE Datasheet HTML 13Page - Texas Instruments LMZ14202EXTTZE Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
2.5
2.7
2.9
3.1
3.3
3.5
0
10
20
30
40
50
INPUT VOLTAGE (V)
ONSET
SHORT CIRCUIT
25°C
2.5
2.7
2.9
3.1
3.3
3.5
0
5
10
15
20
25
INPUT VOLTAGE (V)
ONSET
SHORT CIRCUIT
25°C
0
0.5
1
1.5
2
2.5
50
60
70
80
90
100
110 120
AMBIENT TEMPERATURE (°C)
6VIN
12VIN
24VIN
36VIN
JA = 19.6°C/W
VOUT = 3.3V
50 mV/Div
200 Ps/Div
0.5 A/Div
3.26
3.28
3.30
3.32
3.34
3.36
0
0.4
0.8
1.2
1.6
2
OUTPUT CURRENT (A)
6
8
12
24
36
42
-55°C
20 mV/Div
1.00 Ps/Div
LMZ14202EXT
SNVS665E – JUNE 2010 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, the following conditions apply: VIN = 24V; Cin = 10uF X7R Ceramic; CO = 100uF X7R Ceramic;
Tambient = 25 C for efficiency curves and waveforms.
Output Ripple
Line and Load Regulation @ –55°C
24VIN 3.3VO 2A, BW = 200 MHz
Figure 27.
Figure 28.
Transient Response
24VIN 3.3VO 0.6A to 2A Step
Thermal Derating VOUT = 3.3V
Figure 29.
Figure 30.
Current Limit 1.8VOUT @ 25°C
Current Limit 3.3VOUT @ 25°C
Figure 31.
Figure 32.
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMZ14202EXT


Podobny numer części - LMZ14202EXTTZE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ14202EXTTZE TI1-LMZ14202EXTTZE Datasheet
3Mb / 21P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
LMZ14202EXTTZE/NOPB TI-LMZ14202EXTTZE/NOPB Datasheet
6Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
More results

Podobny opis - LMZ14202EXTTZE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ14202EXT TI1-LMZ14202EXT Datasheet
3Mb / 21P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
logo
National Semiconductor ...
LMZ14201EXT NSC-LMZ14201EXT Datasheet
3Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
logo
Texas Instruments
LMZ12002EXT TI1-LMZ12002EXT Datasheet
3Mb / 23P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
LMZ14203EXT TI-LMZ14203EXT Datasheet
4Mb / 25P
[Old version datasheet]   LMZ14203EXT 3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
logo
National Semiconductor ...
LMZ14202 NSC-LMZ14202_1 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202_11 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ10505EXT TI1-LMZ10505EXT Datasheet
1Mb / 27P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
logo
National Semiconductor ...
LMZ10504EXT NSC-LMZ10504EXT Datasheet
1Mb / 22P
   4A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
logo
Texas Instruments
LMZ12001EXT TI1-LMZ12001EXT Datasheet
3Mb / 23P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com