Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMZ14203EXTTZ Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części LMZ14203EXTTZ
Szczegółowy opis  LMZ14203EXT 3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LMZ14203EXTTZ Arkusz danych(HTML) 1 Page - Texas Instruments

  LMZ14203EXTTZ Datasheet HTML 1Page - Texas Instruments LMZ14203EXTTZ Datasheet HTML 2Page - Texas Instruments LMZ14203EXTTZ Datasheet HTML 3Page - Texas Instruments LMZ14203EXTTZ Datasheet HTML 4Page - Texas Instruments LMZ14203EXTTZ Datasheet HTML 5Page - Texas Instruments LMZ14203EXTTZ Datasheet HTML 6Page - Texas Instruments LMZ14203EXTTZ Datasheet HTML 7Page - Texas Instruments LMZ14203EXTTZ Datasheet HTML 8Page - Texas Instruments LMZ14203EXTTZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LMZ14203EXT
www.ti.com
SNVS666E – JUNE 2010 – REVISED APRIL 2013
LMZ14203EXT 3A SIMPLE SWITCHER® Power Module with 42V Maximum Input Voltage
for Military and Rugged Applications
Check for Samples: LMZ14203EXT
1
FEATURES
DESCRIPTION
2
– 55°C to 125°C Junction Temperature Range
The
LMZ14203EXT
SIMPLE
SWITCHER
power
Integrated Shielded Inductor
module is an easy-to-use step-down DC-DC solution
capable of driving up to 3A load with exceptional
Simple PCB Layout
power conversion efficiency, line and load regulation,
Flexible Startup Sequencing Using External
and output accuracy. The LMZ14203EXT is available
Soft-Start and Precision Enable
in an innovative package that enhances thermal
Protection Against Inrush Currents and Faults
performance
and
allows
for
hand
or
machine
such as Input UVLO and Output Short Circuit
soldering.
Single Exposed Pad and Standard Pinout for
The LMZ14203EXT can accept an input voltage rail
Easy Mounting and Manufacturing
between 6V and 42V and deliver an adjustable and
highly accurate output voltage as low as 0.8V. The
Fast Transient Response for Powering FPGAs
LMZ14203EXT only requires three external resistors
and ASICs
and four external capacitors to complete the power
Low output Voltage Ripple
solution. The LMZ14203EXT is a reliable and robust
Pin-to-pin Compatible Family:
design with the following protection features: thermal
shutdown, input under-voltage lockout, output over-
LMZ14203EXT/2EXT/1EXT
voltage protection, short-circuit protection, output
(42V Max 3A, 2A, 1A)
current limit, and allows startup into a pre-biased
LMZ12003/2/1 (20V Max 3A, 2A, 1A)
output.
A
single
resistor
adjusts
the
switching
LMZ14203/2/1 (42V Max 3A, 2A, 1A)
frequency up to 1 MHz.
Fully Enabled for Webench® Power Designer
ELECTRICAL SPECIFICATIONS
APPLICATIONS
18W Maximum Total Output Power
Point of Load Conversions from 12V and 24V
Up to 3A Output Current
Input Rail
Input Voltage Range 6V to 42V
Time Critical Projects
Output Voltage Range 0.8V to 6V
Space Constrained / High Thermal
Efficiency up to 90%
Requirement Applications
Negative Output Voltage Applications (See AN-
PERFORMANCE BENEFITS
2027 SNVA425)
Low Radiated Emissions / High Radiated
Immunity
Passes vibration Standard MIL-STD-883
Method 2007.2 Condition A JESD22–B103B
Condition 1
Passes Drop Standard MIL-STD-883 Method
2002.3 Condition B JESD22–B110 Condition B
Figure 1. Easy To Use 7 Pin Package
PFM 7 Pin Package
10.16 x 13.77 x 4.57 mm (0.4 x 0.542 x 0.18 in)
θJA = 20°C/W, θJC = 1.9°C/W
RoHS Compliant
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - LMZ14203EXTTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LMZ14203EXTTZ NSC-LMZ14203EXTTZ Datasheet
748Kb / 10P
   LMZ1420xEXT/ LMZ1200xEXT Evaluation Board
logo
Texas Instruments
LMZ14203EXTTZ/NOPB TI-LMZ14203EXTTZ/NOPB Datasheet
6Mb / 31P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Military and Rugged Applications
LMZ14203EXTTZE/NOPB TI-LMZ14203EXTTZE/NOPB Datasheet
6Mb / 31P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Military and Rugged Applications
LMZ14203EXTTZX/NOPB TI-LMZ14203EXTTZX/NOPB Datasheet
6Mb / 31P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Military and Rugged Applications
More results

Podobny opis - LMZ14203EXTTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ14202EXT TI1-LMZ14202EXT Datasheet
3Mb / 21P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
logo
National Semiconductor ...
LMZ14201EXT NSC-LMZ14201EXT Datasheet
3Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
logo
Texas Instruments
LMZ14202EXT TI-LMZ14202EXT_13 Datasheet
4Mb / 27P
[Old version datasheet]   LMZ14202EXT 2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
LMZ12003EXT TI1-LMZ12003EXT Datasheet
3Mb / 19P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
logo
National Semiconductor ...
LMZ10503EXT NSC-LMZ10503EXT Datasheet
1Mb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
LMZ14203 NSC-LMZ14203_11 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ10505EXT TI1-LMZ10505EXT Datasheet
1Mb / 27P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
LMZ12002EXT TI1-LMZ12002EXT Datasheet
3Mb / 23P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
logo
National Semiconductor ...
LMZ10504EXT NSC-LMZ10504EXT Datasheet
1Mb / 22P
   4A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
logo
Texas Instruments
LMZ12001EXT TI1-LMZ12001EXT Datasheet
3Mb / 23P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com