Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQP30N06 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FQP30N06
Szczegółowy opis  60V LOGIC N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP30N06 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FQP30N06 Datasheet HTML 1Page - Fairchild Semiconductor FQP30N06 Datasheet HTML 2Page - Fairchild Semiconductor FQP30N06 Datasheet HTML 3Page - Fairchild Semiconductor FQP30N06 Datasheet HTML 4Page - Fairchild Semiconductor FQP30N06 Datasheet HTML 5Page - Fairchild Semiconductor FQP30N06 Datasheet HTML 6Page - Fairchild Semiconductor FQP30N06 Datasheet HTML 7Page - Fairchild Semiconductor FQP30N06 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1. May 2001
0
5
10
15
20
25
30
0
2
4
6
8
10
12
V
DS = 30V
V
DS = 48V
※ Note : I
D = 32A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
500
1000
1500
2000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
0
10
1
10
2
175℃
※ Notes :
1. V
GS = 0V
2. 250μ s Pulse Test
25℃
V
SD, Source-Drain voltage [V]
0
20406080
100
120
0
20
40
60
80
V
GS
= 10V
V
GS
= 5V
※ Note : T
J = 25
I
D, Drain Current [A]
02
468
10
10
0
10
1
10
2
175℃
25℃
-55℃
※ Notes :
1. V
DS = 25V
2. 250μ s Pulse Test
V
GS, Gate-Source Voltage [V]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics
10
-1
10
0
10
1
10
0
10
1
10
2
V
GS
Top :
10.0 V
8.0 V
6.0 V
5.0 V
4.5 V
4.0 V
3.5 V
Bottom : 3.0 V
※ Notes :
1. 250μ s Pulse Test
2. T
C = 25
V
DS, Drain-Source Voltage [V]


Podobny numer części - FQP30N06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQP30N06 FAIRCHILD-FQP30N06 Datasheet
660Kb / 8P
   60V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQP30N06 ISC-FQP30N06 Datasheet
302Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
VBsemi Electronics Co.,...
FQP30N06L VBSEMI-FQP30N06L Datasheet
1Mb / 9P
   N-Channel 60 V (D-S) MOSFET
More results

Podobny opis - FQP30N06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQB20N06L FAIRCHILD-FQB20N06L Datasheet
680Kb / 9P
   60V LOGIC N-Channel MOSFET
FQP20N06L FAIRCHILD-FQP20N06L Datasheet
673Kb / 8P
   60V LOGIC N-Channel MOSFET
FQP50N06L FAIRCHILD-FQP50N06L Datasheet
647Kb / 8P
   60V LOGIC N-Channel MOSFET
FQPF20N06L FAIRCHILD-FQPF20N06L Datasheet
661Kb / 8P
   60V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU20N06L KERSEMI-KSMU20N06L Datasheet
1Mb / 8P
   60V LOGIC N-Channel MOSFET
logo
Fairchild Semiconductor
FQPF50N06L FAIRCHILD-FQPF50N06L Datasheet
664Kb / 8P
   60V LOGIC N-Channel MOSFET
FQU20N06L FAIRCHILD-FQU20N06L_09 Datasheet
860Kb / 9P
   60V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM50N06L KERSEMI-KSM50N06L Datasheet
1Mb / 6P
   60V LOGIC N-Channel MOSFET
KSM30N06L KERSEMI-KSM30N06L Datasheet
1Mb / 6P
   60V LOGIC N-Channel MOSFET
logo
Fairchild Semiconductor
FQD13N06L FAIRCHILD-FQD13N06L Datasheet
653Kb / 9P
   60V LOGIC N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com