Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS1W-NC471 Arkusz danych(PDF) 8 Page - Omron Electronics LLC

Numer części CS1W-NC471
Szczegółowy opis  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-NC471 Arkusz danych(HTML) 8 Page - Omron Electronics LLC

Back Button CS1W-NC471 Datasheet HTML 4Page - Omron Electronics LLC CS1W-NC471 Datasheet HTML 5Page - Omron Electronics LLC CS1W-NC471 Datasheet HTML 6Page - Omron Electronics LLC CS1W-NC471 Datasheet HTML 7Page - Omron Electronics LLC CS1W-NC471 Datasheet HTML 8Page - Omron Electronics LLC CS1W-NC471 Datasheet HTML 9Page - Omron Electronics LLC CS1W-NC471 Datasheet HTML 10Page - Omron Electronics LLC CS1W-NC471 Datasheet HTML 11Page - Omron Electronics LLC CS1W-NC471 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
Replace Malfunctioning Units
without Turning OFF the Power
(Online Unit Replacement)
When an I/O Unit, a Special I/O Unit, or a
CPU Bus Unit is malfunctioning, it is now
possible to replace the faulty Unit while the
system continues operating. This is
particularly effective for systems that cannot
be stopped when a problem has occurred in
another part of the system.
(This function requires a CS1D-CPU
@@S. CPU
Unit, a CS1D-BC082 or CS1D-BI092 Backplane,
and a CS1D-PA207R or CS1D-PD024 Power
Supply Unit.)
F-14
F-15
Advanced management and resource inheritance
providing powerful support for maintenance and operation.
66
1. Program or monitor a remote
PLC via a modem connection.
2. Program or monitor a
network PLC via a Host Link
connection.
3. Send e-mail for errors from
PLCs connected to Ethernet.
Ethernet
Modem
Modem
Phone line
Host Link
1. Remote programming/monitoring
via modem (See note.)
2. Remote
programming/
monitoring via
Host Link (See note.)
3. Mail
Note: The same kind of programming and monitoring
performed via normal Host Link is possible.
Remote Maintenance
Memory Cards for Data File
Management
User programs, I/O memory, or system
parameters can be converted to
Windows-based files and stored in Memory
Cards or in EM file memory in the CPU Unit.
It is also possible to automatically read the
user program and other data from the
Memory Card to the CPU Unit at startup,
replacing ROM operation. Change programs
on-site using only a Memory Card and
Programming Console, or use Memory
Cards to store symbol tables or I/O
comments. Connecting a Programming
Device allows monitoring operations with
ladder programs with comments. It is also
possible to save and read data such as DM
data to a Memory Card during operation,
and the Memory Cards are ideal for
operations such as saving quality data and
reading recipes.
PC Card
Adapter
Memory Card
Upload
Programming
Console
Office
Production
site
Internal Flash Memory-based
Battery-free Operation
Flash memory (non-volatile memory) is built
into the new CS1's CPU Unit. User
programs and system parameters (e.g., PC
Setup and data link tables) are automatically
saved to this flash memory. This means that
the new CS1 can operate without a Memory
Card and battery.
Built-in flash memory
User program
Parameter area data
Battery-free
operation
with no Memory
Card.
CS1
CVM1/CV
CS1
C200HX/HG/HE
Easy replacement
Write Protection from a Specific
Node over the Network
(for CPU Unit Ver. 2.0 or Later)
You can now stop specific nodes from
writing over the network. By preventing
unintentionally writes to the PLC while
monitoring data over the network, you
can prevent potential problems.
Reading
possible
Write enabled
×
Boost Program Security by
Keeping Part of It Hidden
(for CPU Unit Ver. 2.0 or Later)
You can prevent access to special tasks by
requiring the user to have a password to
read them.
By applying write protection, you can also
prevent a user from inadvertently writing over
the hidden part of the program. This provides
additional protection for your program.
This allows you to hide crucial parts of the
program.
Task 1
Task 2
Task 3
Use a password to
prevent reading of
only task 2.
CX-Programmer
Ver. 4.0
×
Prevent Information Leaks from
PLCs (for CPU Unit Ver. 2.0 or Later)
In addition to applying read protection
functions to the user program area and
tasks, you can also protect against the
transfer of user programs to a Memory Card.
This prevents leaks of proprietary
information by completely protecting against
the reading of programs inside the PLC.
CX-Programmer
Ver. 4.0
Memory Card
Faulty Unit
CPU
PS
Note: CX-Programmer Ver. 5.0 or higher required.
Read protection
Write protection
×
×
Store All I/O Comments, Symbol Names, Rung Comments, and Other
Information in CPU Unit Comment Memory (See note.) (Unit Ver. 3.0 or later)
When downloading projects, the Memory
Card, EM file memory, or comment memory
(in the CPU Unit's flash memory) can be
selected as the transfer destination for I/O
comments, symbol names, rung comments,
and other data. This enables data such as
I/O comments, symbol names, and rung
comments to be stored in the CPU Unit's
internal comment memory when a Memory
Card or EM file memory are both not
available.
Read
protection
No transfer
possible
Easy Replacement of Existing
Models
Programs designed for existing models
(C200HX/HG/HE, CVM1, or CV-series
PLCs) using the CX-Programmer can be
converted for use with the new CS1. The
following functions are available to make the
conversion to the new CS1 even easier.
● CV-CS address conversion instruction to
convert programs designed for the
CVM1/CV that include internal I/O memory
addresses.
● C200HX/HG/HE: Region comparison (ZCP
and ZCPL) instructions.
Reading
possible
Write
protection
(1) Remove the
faulty Unit
after stopping
access to it.
(2) Resume
access after
replacing the
Unit.


Podobny numer części - CS1W-NC471

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
CS1W-BAT01 OMRON-CS1W-BAT01 Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
CS1W-BC023 OMRON-CS1W-BC023 Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
CS1W-BC023 OMRON-CS1W-BC023 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
CS1W-BC033 OMRON-CS1W-BC033 Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
CS1W-BC033 OMRON-CS1W-BC033 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results

Podobny opis - CS1W-NC471

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
V23003 TEC-V23003 Datasheet
1Mb / 5P
   Highly reliable multi purpose relay
logo
List of Unclassifed Man...
DVS-3R6D473T ETC2-DVS-3R6D473T Datasheet
166Kb / 2P
   High temperature tolerant -25 to 85??and highly reliable.
DVL-5R5D104T-R5 ETC2-DVL-5R5D104T-R5 Datasheet
330Kb / 3P
   High temperature tolerant -40 to 85??and highly reliable.
logo
Omron Electronics LLC
CP1W-40EDR OMRON-CP1W-40EDR Datasheet
1Mb / 9P
   Compact machine controllers
logo
TXC Corporation.
AH-SERIES TXC-AH-SERIES Datasheet
954Kb / 1P
   High reliable environmental performance.
logo
Toshiba Semiconductor
TLP131GB TOSHIBA-TLP131GB Datasheet
175Kb / 9P
   Office Machine Programmable Controllers
logo
Omron Electronics LLC
G2A-434A-NAC115 OMRON-G2A-434A-NAC115 Datasheet
678Kb / 10P
   Highly Reliable, 4-pole Miniature Relay Ideal for Sequence Control
G2A OMRON-G2A Datasheet
678Kb / 10P
   Highly Reliable, 4-pole Miniature Relay Ideal for Sequence Control
logo
Toshiba Semiconductor
TLP181TPRFT TOSHIBA-TLP181TPRFT Datasheet
209Kb / 9P
   Office Machine Programmable Controllers
TLP121 TOSHIBA-TLP121 Datasheet
357Kb / 9P
   OFFICE MACHINE PROGRAMMABLE CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com