Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100H606FN Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC100H606FN
Szczegółowy opis  Registered Hex TTL to PECL Translator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H606FN Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC100H606FN Datasheet HTML 1Page - ON Semiconductor MC100H606FN Datasheet HTML 2Page - ON Semiconductor MC100H606FN Datasheet HTML 3Page - ON Semiconductor MC100H606FN Datasheet HTML 4Page - ON Semiconductor MC100H606FN Datasheet HTML 5Page - ON Semiconductor MC100H606FN Datasheet HTML 6Page - ON Semiconductor MC100H606FN Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
November, 2006 − Rev. 6
1
Publication Order Number:
MC10H606/D
MC10H606, MC100H606
Registered Hex TTL to
PECL Translator
Description
The MC10/100H606 is a 6−bit, registered, single supply TTL to
PECL translator. The device features differential PECL outputs as
well as a choice between either a differential PECL clock input or a
TTL clock input. The asynchronous master reset control is a PECL
level input.
With its differential PECL outputs and TTL inputs the H606 device
is ideally suited for the transmit function of a HPPI bus type
board−to−board interface application. The on chip registers simplify
the task of synchronizing the data between the two boards.
The device is available in either ECL standard: the MECL 10H™
device is compatible with MECL 10KH logic levels, with a VCC of
+5.0 V while the 100H device is compatible with 100K logic levels,
with a VCC of +5.0 V.
Features
Differential 50 W ECL Outputs
Choice Between Differential PECL or TTL Clock Input
Single Power Supply
Multiple Power and Ground Pins to Minimize Noise
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING DIAGRAM*
xxx
= 10 or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G= Pb−Free Package
PLCC−28
FN SUFFIX
CASE 776
MCxxxH606G
AWLYYWW
1
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION


Podobny numer części - MC100H606FN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100H606 ONSEMI-MC100H606 Datasheet
89Kb / 5P
   Registered Hex TTL/PECL Translator
1996 REV 1
More results

Podobny opis - MC100H606FN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H607 ONSEMI-MC10H607 Datasheet
86Kb / 5P
   Registered Hex PECL/TTL Translator
1996 REV 2
MC10H606 ONSEMI-MC10H606 Datasheet
89Kb / 5P
   Registered Hex TTL/PECL Translator
1996 REV 1
logo
Micrel Semiconductor
SY10H606 MICREL-SY10H606 Datasheet
64Kb / 5P
   REGISTERED HEX TTL-TO-PECL
SY10H607 MICREL-SY10H607_06 Datasheet
65Kb / 5P
   REGISTERED HEX PECL-TO-TTL
SY10H607 MICREL-SY10H607 Datasheet
74Kb / 4P
   REGISTERED HEX PECL-TO-TTL
SY10H606 MICREL-SY10H606_06 Datasheet
64Kb / 5P
   REGISTERED HEX TTL-TO-PECL
logo
ON Semiconductor
MC10H605 ONSEMI-MC10H605 Datasheet
143Kb / 7P
   Registered Hex ECL to TTL Translator
September, 2009 ??Rev. 8
logo
Micrel Semiconductor
SY100S391 MICREL-SY100S391 Datasheet
110Kb / 6P
   LOW-POWER HEX TTL-TO-PECL TRANSLATOR
SY100S391 MICREL-SY100S391_07 Datasheet
75Kb / 6P
   LOW-POWER HEX TTL-TO-PECL TRANSLATOR
logo
ON Semiconductor
MC10H604 ONSEMI-MC10H604 Datasheet
84Kb / 4P
   Registered Hex TTL/ECL Translator
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com