Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM1085IT-5.0 Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części LM1085IT-5.0
Szczegółowy opis  LM1085 3A Low Dropout Positive Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM1085IT-5.0 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button LM1085IT-5.0 Datasheet HTML 5Page - Texas Instruments LM1085IT-5.0 Datasheet HTML 6Page - Texas Instruments LM1085IT-5.0 Datasheet HTML 7Page - Texas Instruments LM1085IT-5.0 Datasheet HTML 8Page - Texas Instruments LM1085IT-5.0 Datasheet HTML 9Page - Texas Instruments LM1085IT-5.0 Datasheet HTML 10Page - Texas Instruments LM1085IT-5.0 Datasheet HTML 11Page - Texas Instruments LM1085IT-5.0 Datasheet HTML 12Page - Texas Instruments LM1085IT-5.0 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LM1085
www.ti.com
SNVS038G – JULY 1999 – REVISED MARCH 2013
Figure 18. Best Load Regulation using Adjustable Output Regulator
PROTECTION DIODES
Under normal operation, the LM1085 regulator does not need any protection diode. With the adjustable device,
the internal resistance between the adjustment and output terminals limits the current. No diode is needed to
divert the current around the regulator even with a capacitor on the adjustment terminal. The adjust pin can take
a transient signal of ±25V with respect to the output voltage without damaging the device.
When an output capacitor is connected to a regulator and the input is shorted, the output capacitor will discharge
into the output of the regulator. The discharge current depends on the value of the capacitor, the output voltage
of the regulator, and rate of decrease of VIN. In the LM1085 regulator, the internal diode between the output and
input pins can withstand microsecond surge currents of 10A to 20A. With an extremely large output capacitor
(
≥1000 µf), and with input instantaneously shorted to ground, the regulator could be damaged. In this case, an
external diode is recommended between the output and input pins to protect the regulator, shown in Figure 19.
Figure 19. Regulator with Protection Diode
OVERLOAD RECOVERY
Overload recovery refers to regulator's ability to recover from a short circuited output. A key factor in the recovery
process is the current limiting used to protect the output from drawing too much power. The current limiting circuit
reduces the output current as the input to output differential increases. Refer to short circuit curve in the Typical
Performance Characteristics section.
During normal start-up, the input to output differential is small since the output follows the input. But, if the output
is shorted, then the recovery involves a large input to output differential. Sometimes during this condition the
current limiting circuit is slow in recovering. If the limited current is too low to develop a voltage at the output, the
voltage will stabilize at a lower level. Under these conditions it may be necessary to recycle the power of the
regulator in order to get the smaller differential voltage and thus adequate start up conditions. Refer to Typical
Performance Characteristics section for the short circuit current vs. input differential voltage.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM1085


Podobny numer części - LM1085IT-5.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM1085IT-5.0 NSC-LM1085IT-5.0 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Texas Instruments
LM1085IT-5.0 TI1-LM1085IT-5.0 Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
LM1085IT-5.0/NOPB TI1-LM1085IT-5.0/NOPB Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
More results

Podobny opis - LM1085IT-5.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
   3A Low Dropout Positive Regulators
LX8385X-XX MICROSEMI-LX8385X-XX Datasheet
280Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X MICROSEMI-LX8587X Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8385A-00CDD MICROSEMI-LX8385A-00CDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8385-00IDD MICROSEMI-LX8385-00IDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X-XX MICROSEMI-LX8587X-XX Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com