Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST16C554DIQ64-F Arkusz danych(PDF) 10 Page - Exar Corporation

Numer części ST16C554DIQ64-F
Szczegółowy opis  2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EXAR [Exar Corporation]
Strona internetowa  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C554DIQ64-F Arkusz danych(HTML) 10 Page - Exar Corporation

Back Button ST16C554DIQ64-F Datasheet HTML 6Page - Exar Corporation ST16C554DIQ64-F Datasheet HTML 7Page - Exar Corporation ST16C554DIQ64-F Datasheet HTML 8Page - Exar Corporation ST16C554DIQ64-F Datasheet HTML 9Page - Exar Corporation ST16C554DIQ64-F Datasheet HTML 10Page - Exar Corporation ST16C554DIQ64-F Datasheet HTML 11Page - Exar Corporation ST16C554DIQ64-F Datasheet HTML 12Page - Exar Corporation ST16C554DIQ64-F Datasheet HTML 13Page - Exar Corporation ST16C554DIQ64-F Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
ST16C554/554D
10
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
REV. 4.0.1
loading or unloading the FIFO in a block sequence determined by the programmed trigger level. The following
table show their behavior. Also see Figure 17 through 22.
2.7
Crystal Oscillator or External Clock Input
The 554 includes an on-chip oscillator (XTAL1 and XTAL2) to produce a clock for both UART sections in the
device. The CPU data bus does not require this clock for bus operation. The crystal oscillator provides a
system clock to the Baud Rate Generators (BRG) section found in each of the UART. XTAL1 is the input to the
oscillator or external clock buffer input with XTAL2 pin being the output. For programming details, see
“Section 2.8, Programmable Baud Rate Generator” on page 10.
The on-chip oscillator is designed to use an industry standard microprocessor crystal (parallel resonant,
fundamental frequency with 10-22 pF capacitance load, ESR of 20-120 ohms and 100ppm frequency
tolerance) connected externally between the XTAL1 and XTAL2 pins. Typical oscillator connections are shown
in Figure 4. Alternatively, an external clock can be connected to the XTAL1 pin to clock the internal baud rate
generator for standard or custom rates. For further reading on oscillator circuit please see application note
DAN108 on EXAR’s web site.
2.8
Programmable Baud Rate Generator
Each UART has its own Baud Rate Generator (BRG) for the transmitter and receiver. The BRG further divides
this clock by a programmable divisor between 1 and (216 - 1) to obtain a 16X sampling rate clock of the serial
data rate. The sampling rate clock is used by the transmitter for data bit shifting and receiver for data sampling.
The BRG divisor is unknown (DLL = 0xXX and DLM = 0xXX) and should be initialized after power up.
Programming the Baud Rate Generator Registers DLL and DLM provides the capability for selecting the
operating data rate. Table 6 shows the standard data rates available with a 14.7456MHz crystal or external
clock.
TABLE 5: TXRDY# AND RXRDY# OUTPUTS IN FIFO AND DMA MODE FOR CHANNELS A-D
PINS
FCR BIT-0=0
(FIFO DISABLED)
FCR BIT-0=1 (FIFO ENABLED)
FCR BIT-3 = 0
(DMA MODE DISABLED)
FCR BIT-3 = 1
(DMA MODE ENABLED)
RXRDY#
LOW = 1 byte
HIGH = no data
LOW = at least 1 byte in FIFO
HIGH = FIFO empty
HIGH to LOW transition when FIFO reaches the
trigger level, or timeout occurs
LOW to HIGH transition when FIFO empties
TXRDY#
LOW = THR empty
HIGH = byte in THR
LOW = FIFO empty
HIGH = at least 1 byte in FIFO
LOW = FIFO has at least 1 empty location
HIGH = FIFO is full
FIGURE 4. TYPICAL CRYSTAL CONNECTIONS
C1
22-47pF
C2
22-47pF
14.7456
MHz
XTAL1
XTAL2
R=300K to 400K


Podobny numer części - ST16C554DIQ64-F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Exar Corporation
ST16C554DIQ64 EXAR-ST16C554DIQ64 Datasheet
518Kb / 40P
   QUAD UART WITH 16-BYTE FIFOS
ST16C554DIQ64 EXAR-ST16C554DIQ64 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DIQ64 EXAR-ST16C554DIQ64 Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
More results

Podobny opis - ST16C554DIQ64-F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Exar Corporation
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C654 EXAR-ST16C654 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com