Zakładka z wyszukiwarką danych komponentów |
|
FQPF12N20L Arkusz danych(PDF) 2 Page - Fairchild Semiconductor |
|
FQPF12N20L Arkusz danych(HTML) 2 Page - Fairchild Semiconductor |
2 / 8 page Rev. A1, February 2001 (Note 4) (Note 4, 5) (Note 4, 5) (Note 4) ©2001 Fairchild Semiconductor Corporation Electrical Characteristics TC = 25°C unless otherwise noted Notes: 1. Repetitive Rating : Pulse width limited by maximum junction temperature 2. L = 4.7mH, IAS = 8.2A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C 3. ISD ≤ 11.6A, di/dt ≤ 300A/µs, VDD ≤ BVDSS, Starting TJ = 25°C 4. Pulse Test : Pulse width ≤ 300 µs, Duty cycle ≤ 2% 5. Essentially independent of operating temperature Symbol Parameter Test Conditions Min Typ Max Units Off Characteristics BVDSS Drain-Source Breakdown Voltage VGS = 0 V, ID = 250 µA 200 -- -- V ∆BV DSS / ∆T J Breakdown Voltage Temperature Coefficient ID = 250 µA, Referenced to 25°C -- 0.14 -- V/°C IDSS Zero Gate Voltage Drain Current VDS = 200 V, VGS = 0 V -- -- 1 µA VDS = 160 V, TC = 125°C -- -- 10 µA IGSSF Gate-Body Leakage Current, Forward VGS = 20 V, VDS = 0 V -- -- 100 nA IGSSR Gate-Body Leakage Current, Reverse VGS = -20 V, VDS = 0 V -- -- -100 nA On Characteristics VGS(th) Gate Threshold Voltage VDS = VGS, ID = 250 µA 1.0 -- 2.0 V RDS(on) Static Drain-Source On-Resistance VGS = 10 V, ID = 4.1 A VGS = 5 V, ID = 4.1 A -- 0.22 0.25 0.28 0.32 Ω gFS Forward Transconductance VDS = 30 V, ID = 4.1 A -- 11.3 -- S Dynamic Characteristics Ciss Input Capacitance VDS = 25 V, VGS = 0 V, f = 1.0 MHz -- 830 1080 pF Coss Output Capacitance -- 120 155 pF Crss Reverse Transfer Capacitance -- 17 22 pF Switching Characteristics td(on) Turn-On Delay Time VDD = 100 V, ID = 11.6 A, RG = 25 Ω -- 15 40 ns tr Turn-On Rise Time -- 190 390 ns td(off) Turn-Off Delay Time -- 60 130 ns tf Turn-Off Fall Time -- 120 250 ns Qg Total Gate Charge VDS = 160 V, ID = 11.6 A, VGS = 5 V -- 16 21 nC Qgs Gate-Source Charge -- 2.8 -- nC Qgd Gate-Drain Charge -- 7.6 -- nC Drain-Source Diode Characteristics and Maximum Ratings IS Maximum Continuous Drain-Source Diode Forward Current -- -- 8.2 A ISM Maximum Pulsed Drain-Source Diode Forward Current -- -- 32.8 A VSD Drain-Source Diode Forward Voltage VGS = 0 V, IS = 8.2 A -- -- 1.5 V trr Reverse Recovery Time VGS = 0 V, IS = 11.6 A, dIF / dt = 100 A/µs -- 128 -- ns Qrr Reverse Recovery Charge -- 0.56 -- µC |
Podobny numer części - FQPF12N20L |
|
Podobny opis - FQPF12N20L |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |