Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQPF13N10 Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części FQPF13N10
Szczegółowy opis  100V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF13N10 Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

  FQPF13N10 Datasheet HTML 1Page - Fairchild Semiconductor FQPF13N10 Datasheet HTML 2Page - Fairchild Semiconductor FQPF13N10 Datasheet HTML 3Page - Fairchild Semiconductor FQPF13N10 Datasheet HTML 4Page - Fairchild Semiconductor FQPF13N10 Datasheet HTML 5Page - Fairchild Semiconductor FQPF13N10 Datasheet HTML 6Page - Fairchild Semiconductor FQPF13N10 Datasheet HTML 7Page - Fairchild Semiconductor FQPF13N10 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
©2000 Fairchild Semiconductor International
Rev. A1, January 2001
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
V
DS
+
_
Driver
R
G
Same Type
as DUT
VGS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
L
I SD
10V
V
GS
( Driver )
I
SD
( DUT )
V
DS
( DUT )
VDD
Body Diode
Forward Voltage Drop
VSD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
DUT
V
DS
+
_
Driver
R
G
Same Type
as DUT
VGS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
L
L
I SD
10V
V
GS
( Driver )
I
SD
( DUT )
V
DS
( DUT )
VDD
Body Diode
Forward Voltage Drop
VSD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
D =
Gate Pulse Width
Gate Pulse Period
--------------------------


Podobny numer części - FQPF13N10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
FQPF13N10 ISC-FQPF13N10 Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQPF13N10L FAIRCHILD-FQPF13N10L Datasheet
554Kb / 8P
   100V LOGIC N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF13N10L ISC-FQPF13N10L Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Podobny opis - FQPF13N10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQB44N10 FAIRCHILD-FQB44N10 Datasheet
640Kb / 9P
   100V N-Channel MOSFET
FQP55N10 FAIRCHILD-FQP55N10 Datasheet
666Kb / 8P
   100V N-Channel MOSFET
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
   100V N-Channel MOSFET
FQD13N10 FAIRCHILD-FQD13N10 Datasheet
619Kb / 9P
   100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
   100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
   100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
   100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
   100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
   100V N-Channel MOSFET
AOT416 AOSMD-AOT416 Datasheet
280Kb / 7P
   100V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4454 WHXPCB-AO4454 Datasheet
2Mb / 6P
   100V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com