Zakładka z wyszukiwarką danych komponentów |
|
TMP102AIDRLR Arkusz danych(PDF) 2 Page - Texas Instruments |
|
|
TMP102AIDRLR Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 22 page 1 2 3 6 5 4 SDA V+ ADD0 SCL GND ALERT TMP102 SBOS397C – AUGUST 2007 – REVISED OCTOBER 2012 www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION(1) PRODUCT PACKAGE-LEAD PACKAGE DESIGNATOR PACKAGE MARKING TMP102 SOT563 DRL CBZ (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. ABSOLUTE MAXIMUM RATINGS (1) PARAMETER TMP102 UNIT Supply Voltage 3.6 V Input Voltage(2) –0.5 to +3.6 V Operating Temperature –55 to +150 °C Storage Temperature –60 to +150 °C Junction Temperature +150 °C Human Body Model (HBM) 2000 V ESD Rating Charged Device Model (CDM) 1000 V Machine Model (MM) 200 V (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not supported. (2) Input voltage rating applies to all TMP102 input voltages. PIN CONFIGURATION DRL Package SOT563 Top View 2 Submit Documentation Feedback Copyright © 2007–2012, Texas Instruments Incorporated Product Folder Links: TMP102 |
Podobny numer części - TMP102AIDRLR |
|
Podobny opis - TMP102AIDRLR |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |