Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA07FP-E2 Arkusz danych(PDF) 8 Page - Rohm

Numer części BA07FP-E2
Szczegółowy opis  Low saturation voltage type 3-pin regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA07FP-E2 Arkusz danych(HTML) 8 Page - Rohm

  BA07FP-E2 Datasheet HTML 1Page - Rohm BA07FP-E2 Datasheet HTML 2Page - Rohm BA07FP-E2 Datasheet HTML 3Page - Rohm BA07FP-E2 Datasheet HTML 4Page - Rohm BA07FP-E2 Datasheet HTML 5Page - Rohm BA07FP-E2 Datasheet HTML 6Page - Rohm BA07FP-E2 Datasheet HTML 7Page - Rohm BA07FP-E2 Datasheet HTML 8Page - Rohm BA07FP-E2 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
BAOOT / FP series
Regulator ICs
!
!
!
!Operation notes
(1) Operating power supply voltage
When operating within the normal voltage range and
within the ambient operating temperature range, most
circuit functions are guaranteed.
The rated values cannot be guaranteed for the electrical
characteristics, but there are no sudden changes of the
characteristics within these ranges.
(2) Power dissipation
Heat attenuation characteristics are noted on a separate
page and can be used as a guide in judging power
dissipation.
If these ICs are used in such a way that the allowable
power dissipation level is exceeded, an increase in the
chip temperature could cause a reduction in the current
capability or could otherwise adversely affect the
performance of the IC. Make sure a sufficient margin is
allowed so that the allowable power dissipation value is
not exceeded.
(3) Output oscillation prevention and bypass capacitor
Be sure to connect a capacitor between the output pin
and GND to prevent oscillation. Since fluctuations in the
valve of the capacitor due to temperature changes may
cause oscillations, a tantalum electrolytic capacitor with a
small internal series resistance (ESR) is recommended.
A 22
µ F capacitor is recommended; however, be aware
that if an extremely large capacitance is used (1000
µ F
or greater), then oscillations may occur at low
frequencies. Therefore, be sure to perform the
appropriate verifications before selecting the capacitor.
Also, we recommend connecting a 0.33
µ F bypass
capacitor as close as possible between the input pin and
GND.
(4) Overcurrent protection circuit
An overcurrent protection circuit is built into the outputs,
to prevent destruction of the IC in the even the load is
shorted.
This protection circuit limits the current in the shape of
a ’7’. This circuit is designed with a high margin, so that
that current is restricted and latching is prevented, even if
a high-capacitance capacitator causes a large amount of
current to temporary flow through the IC.
However, these protection circuits are only good for pre-
venting damage from sudden accidents and should not
be used for continuous protection (for instance, clamping
at an output of 1VFor greater; below 1VF, the short mode
circuit operates). Note that the capacitor has negative
temperature characteristics, and the design should take
this into consideration.
(5) Thermal overload circuit
A built-in thermal overload circuit prevents damage from
overheating. When the thermal circuit is activated, the
outputs are turned OFF. When the temperature drops
back to a constant level, the circuit is restored.
(6) Internal circuits could be damaged if there are
modes in which the electric potential of the application’s
input (VCC ) and GND are the opposite of the electric
potential normally used by each of the outputs. Use of a
diode or other such bypass path is recommended.
(7) Although the manufacture of this product includes
rigorous quality assurance procedures, the product may
be damaged if absolute maximum ratings for voltage or
operating temperature are exceeded. If damage has
occurred, special modes (such as short circuit mode or
open circuit mode) cannot be specified. If it is possible
that such special modes may be needed, please
consider using a fuse or some other mechanical safety
mea-sure.
(8) When used within a strong magnetic field, be aware
that the possibility of malfunction exists.


Podobny numer części - BA07FP-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA07CC0FP ROHM-BA07CC0FP Datasheet
367Kb / 6P
   1A Low Dropout Voltage Regulator (Adjustable Voltage)
BA07CC0FP-E2 ROHM-BA07CC0FP-E2 Datasheet
493Kb / 23P
   2A/1A Fixed OutputLDORegulators With ShutdownSwicth
BA07CC0FP-E2 ROHM-BA07CC0FP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA07CC0FP-E2 ROHM-BA07CC0FP-E2 Datasheet
493Kb / 23P
   Low-saturation regulators, available for output s up to 2A/1A.
BA07CC0T ROHM-BA07CC0T Datasheet
366Kb / 6P
   1A Low Dropout Voltage Regulator (Adjustable Voltage)
More results

Podobny opis - BA07FP-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA03T ROHM-BA03T_1 Datasheet
185Kb / 9P
   Low saturation voltage type 3-pin regulator
BAOOT ROHM-BAOOT Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
BA033FP ROHM-BA033FP Datasheet
98Kb / 8P
   Low saturation voltage type 3-pin regulator
BA03T ROHM-BA03T Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
logo
Mitsumi Electronics, Co...
MM1270 MITSUMI-MM1270 Datasheet
84Kb / 4P
   Low-Output Voltage Low-Saturation Three-Pin Regulator
logo
ELM Electronics
ELM99XXXA ELM-ELM99XXXA Datasheet
313Kb / 19P
   LOW SATURATION VOLTAGE REGULATOR
logo
ON Semiconductor
LB1848MC-BH ONSEMI-LB1848MC-BH Datasheet
137Kb / 6P
   Low-Voltage/Low Saturation Voltage Type
June, 2013
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
logo
Mitsumi Electronics, Co...
MM1320 MITSUMI-MM1320 Datasheet
113Kb / 6P
   Microminiature Low-Noise, Low-Saturation Three-Pin Regulator
logo
Panasonic Semiconductor
AN8000 PANASONIC-AN8000 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com