Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI-46001 Arkusz danych(PDF) 3 Page - Micrel Semiconductor

Numer części SI-46001
Szczegółowy opis  10Base-T/100Base-TX Physical Layer Transceiver
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICREL [Micrel Semiconductor]
Strona internetowa  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SI-46001 Arkusz danych(HTML) 3 Page - Micrel Semiconductor

  SI-46001 Datasheet HTML 1Page - Micrel Semiconductor SI-46001 Datasheet HTML 2Page - Micrel Semiconductor SI-46001 Datasheet HTML 3Page - Micrel Semiconductor SI-46001 Datasheet HTML 4Page - Micrel Semiconductor SI-46001 Datasheet HTML 5Page - Micrel Semiconductor SI-46001 Datasheet HTML 6Page - Micrel Semiconductor SI-46001 Datasheet HTML 7Page - Micrel Semiconductor SI-46001 Datasheet HTML 8Page - Micrel Semiconductor SI-46001 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
Micrel, Inc.
KSZ8041NL/RNL
September 2010
3
M9999-090910-1.4
Revision History
Revision
Date
Summary of Changes
1.0
10/13/06
Data sheet created.
1.1
4/27/07
Added maximum MDC clock speed.
Added 40K +/-30% to note 1 of Pin Description and Strapping Options tables for internal pull-ups/pull-
downs.
Changed Model Number in Register 3h – PHY Identifier 2.
Changed polarity (swapped definition) of DUPLEX strapping pin.
Removed DUPLEX strapping pin update to Register 4h – Auto-Negotiation Advertisement bits [8, 6].
Set “Disable power saving” as the default for Register 1Fh bit [10].
Corrected LED1 (pin 31) definition for Activity in LED mode 01.
Added Symbol Error to MII/RMII Receive Error description and Register 15h – RXER Counter.
Added a 100pF capacitor on REXT (pin 10) in Pin Description table.
1.2
7/18/08
Added Automotive Qualified part number to Ordering Information.
Added maximum case temperature.
Added thermal resistance (
θ
JC).
Added chip maximum current consumption.
1.3
12/11/09
Added Automotive Qualified part number, KSZ8041NL EAM, to Ordering Information.
Changed MDIO hold time (min) from 10ns to 4ns.
Added LED drive current.
Renamed Register 3h bits [3:0] to “manufacturer’s revision number” and changed default value to
“Indicates silicon revision.”
Updated RMII output delay for CRSDV and RXD[1:0] output pins.
Added support for Asymmetric PAUSE in register 4h bit [11].
Added control bits for 100Base-TX preamble restore (register 14h bit [7]) and 10Base-T preamble
restore (register 14h bit [6]).
Changed strapping pin definition for CONFIG[2:0] = 100 from “PCS Loopback” to “MII 100Mbps
Preamble Restore.”
Corrected MII timing for tRLAT, tCRS1, tCRS2.
Added KSZ8041RNL device and updated entire data sheet accordingly.
1.4
01/19/10
Removed part number (KSZ8041NL EAM) from Ordering Information.
Removed chip maximum current consumption.


Podobny numer części - SI-46001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bel Fuse Inc.
SI-46001-F BEL-SI-46001-F Datasheet
258Kb / 3P
   SI-46001-F
More results

Podobny opis - SI-46001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
KSZ8091MNX MICROCHIP-KSZ8091MNX Datasheet
681Kb / 80P
   10BASE-T/100BASE-TX Physical Layer Transceiver
06/23/16
logo
Micrel Semiconductor
KSZ8051MNL MICREL-KSZ8051MNL Datasheet
560Kb / 59P
   10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MLL MICREL-KSZ8051MLL Datasheet
691Kb / 51P
   10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051RNL-TR MICREL-KSZ8051RNL-TR Datasheet
560Kb / 59P
   10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNLV MICREL-KSZ8051MNLV Datasheet
1Mb / 66P
   10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNLU MICREL-KSZ8051MNLU Datasheet
1Mb / 65P
   10Base-T/100Base-TX Physical Layer Transceiver
logo
Microchip Technology
KSZ8081MNX MICROCHIP-KSZ8081MNX Datasheet
1Mb / 66P
   10BASE-T/100BASE-TX Physical Layer Transceiver
06/23/16
KSZ8061RNB MICROCHIP-KSZ8061RNB Datasheet
585Kb / 57P
   10BASE-T/100BASE-TX Physical Layer Transceiver
07/14/15
logo
Micrel Semiconductor
KSZ8081MNX MICREL-KSZ8081MNX Datasheet
1Mb / 69P
   10Base-T/100Base-TX Physical Layer Transceiver
KSZ8091RNA MICREL-KSZ8091RNA Datasheet
1Mb / 67P
   10Base-T/100Base-TX Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com