Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3TB5017-0LF4 Arkusz danych(PDF) 3 Page - Siemens Semiconductor Group

Numer części 3TB5017-0LF4
Szczegółowy opis  Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3TB5017-0LF4 Arkusz danych(HTML) 3 Page - Siemens Semiconductor Group

  3TB5017-0LF4 Datasheet HTML 1Page - Siemens Semiconductor Group 3TB5017-0LF4 Datasheet HTML 2Page - Siemens Semiconductor Group 3TB5017-0LF4 Datasheet HTML 3Page - Siemens Semiconductor Group 3TB5017-0LF4 Datasheet HTML 4Page - Siemens Semiconductor Group 3TB5017-0LF4 Datasheet HTML 5Page - Siemens Semiconductor Group 3TB5017-0LF4 Datasheet HTML 6Page - Siemens Semiconductor Group 3TB5017-0LF4 Datasheet HTML 7Page - Siemens Semiconductor Group 3TB5017-0LF4 Datasheet HTML 8Page - Siemens Semiconductor Group 3TB5017-0LF4 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
3RT, 3RH, 3TB, 3TC, 3TH, 3TK Contactors for Special Applications
Contactors with Extended Tolerance 0.7 ... 1.25 x
, for Railway Applications
3TB5 motor contactors, 55 ... 200 kW
3/73
Siemens LV 1 · 2006
Overview
EN 60947-4-1.
For requirements according to IEC 60077-1 and IEC 60077-2.
The contactors are finger-safe according to EN 50274. Terminal
covers may have to be fitted onto the connecting bars,
depending on the configuration with other devices.
Application
For operation in plants which are subject both to considerable
variations in the control voltage and to high ambient
temperatures, e.g. in railway applications.
Selection and ordering data
1) The number of auxiliary contacts cannot be increased.
3TB50 to 3TB56 contactors
With screw terminals
For screw fixing
Solenoid fitted with varistor
Size
Rated data
AC-2 and AC-3
Auxiliary
contacts1)
Rated control supply
voltage Us
DT Order No.
Price
per PU
PU
(UNIT,
SET, M)
PS*
PG
Weight
per PU
approx.
Opera-
tional
current Ie
at
Ratings of induction motors
at
400 V
230 V 400 V 500 V 690 V
AkW
kW
kW
kW
NO
NC
V DC
kg
Contactors for switching AC voltage ·
DC operation · DC solenoid system
6
110
37
55
75
90
2
1
24
C
3TB50 17-0LB4
1 1 unit
101
6.674
110
C
3TB50 17-0LF4
1 1 unit
101
6.640
8
170
55
90
110
132
2124
C
3TB52 17-0LB4
1 1 unit
101
9.250
110
C
3TB52 17-0LF4
1 1 unit
101
9.222
10
250
75
132
160
200
2124
C
3TB54 17-0LB4
1 1 unit
101
16.800
110
C
3TB54 17-0LF4
1 1 unit
101
8.845
12
400
115
200
255
355
2
1
110
C
3TB56 17-0LF4
1 1 unit
101
19.793
Us
* You can order this quantity or a multiple thereof.


Podobny numer części - 3TB5017-0LF4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
3TB5017-0B SIEMENS-3TB5017-0B Datasheet
490Kb / 4P
   3TB4817-0B / 3TB5017-0B
More results

Podobny opis - 3TB5017-0LF4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
3RH19211CA10 SIEMENS-3RH19211CA10 Datasheet
1Mb / 76P
   Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
logo
PHOENIX CONTACT
102490 PHOENIX-102490 Datasheet
231Kb / 3P
   PLC INTERFACE With Extended Input Voltage and Temperature Range for Railway Applications
logo
Hirose Electric
TJXA HIROSE-TJXA Datasheet
464Kb / 8P
   Interface Connector for Railway Applications
logo
E+E Elektronik Ges.m.b....
EE8915 EPLUSE-EE8915 Datasheet
1Mb / 9P
   CO2 Sensor for Railway Applications
08-2023
logo
Moxa Inc.
E1500 MOXA-E1500 Datasheet
2Mb / 5P
   Ethernet remote I/O for railway applications
logo
PHOENIX CONTACT
PLC-RPT-110UC PHOENIX-PLC-RPT-110UC Datasheet
84Kb / 6P
   PLC-INTERFACE for railway applications, consisting of basic terminal block with push-in connection and plug-in miniature relay with power contact, range: 0.7 x UN to 1.25 x UN, temperature class TX: -40째C to 70째C, 1 PDT, input voltage 110 V DC
PLC-RPT-72UC PHOENIX-PLC-RPT-72UC Datasheet
80Kb / 6P
   PLC-INTERFACE for railway applications, consisting of basic terminal block with push-in connection and plug-in miniature relay with power contact, range: 0.7 x UN to 1.25 x UN, temperature class TX: -40째C to 70째C, 1 PDT, input voltage 72 V DC
logo
XP Power Limited
MTH100 XPPOWER-MTH100 Datasheet
1Mb / 8P
   Designed for Extended Hold-Up Applications
logo
Pulse A Technitrol Comp...
JX0026D21NL PULSE-JX0026D21NL Datasheet
255Kb / 2P
   Extended Temperature products for Industrial Applications
J426 PULSE-J426 Datasheet
255Kb / 2P
   Extended Temperature products for Industrial Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com