Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCWC0402K101GTAR Arkusz danych(PDF) 5 Page - AVX Corporation

Numer części LCWC0402K101GTAR
Szczegółowy opis  Wire Wound Chip Inductor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVX [AVX Corporation]
Strona internetowa  http://www.avx.com
Logo AVX - AVX Corporation

LCWC0402K101GTAR Arkusz danych(HTML) 5 Page - AVX Corporation

  LCWC0402K101GTAR Datasheet HTML 1Page - AVX Corporation LCWC0402K101GTAR Datasheet HTML 2Page - AVX Corporation LCWC0402K101GTAR Datasheet HTML 3Page - AVX Corporation LCWC0402K101GTAR Datasheet HTML 4Page - AVX Corporation LCWC0402K101GTAR Datasheet HTML 5Page - AVX Corporation LCWC0402K101GTAR Datasheet HTML 6Page - AVX Corporation LCWC0402K101GTAR Datasheet HTML 7Page - AVX Corporation LCWC0402K101GTAR Datasheet HTML 8Page - AVX Corporation LCWC0402K101GTAR Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
25
Wire Wound Chip Inductor
LCWC Series
1008
Inductance
Tolerance
L Freq.
Quality Factor
SRF
DCR
IDC
Color Code
(nH)
(MHz)
min.
(GHz) min.
(Ω) max.
(mA) max.
*5.6
±5, ±10%
50
50 @ 1500MHz
4.000
0.15
1000
Black
*10
±2, ±5, ±10%
50
50 @ 500MHz
4.100
0.08
1000
Brown
*12
±2, ±5, ±10%
50
50 @ 500MHz
3.300
0.09
1000
Red
*15
±2, ±5, ±10%
50
50 @ 500MHz
2.500
0.11
1000
Orange
*18
±2, ±5, ±10%
50
50 @ 350MHz
2.400
0.12
1000
Yellow
*22
±2, ±5, ±10%
50
55 @ 350MHz
2.400
0.12
1000
Green
24
±2, ±5, ±10%
50
55 @ 350MHz
1.900
0.13
1000
Blue
*27
±2, ±5, ±10%
50
55 @ 350MHz
1.600
0.13
1000
Violet
*33
±2, ±5, ±10%
50
60 @ 350MHz
1.600
0.14
1000
Gray
36
±2, ±5, ±10%
50
60 @ 350MHz
1.600
0.15
1000
Orange
*39
±2, ±5, ±10%
50
60 @ 350MHz
1.500
0.15
1000
White
*47
±2, ±5, ±10%
50
65 @ 350MHz
1.500
0.16
1000
Black
*56
±2, ±5, ±10%
50
65 @ 350MHz
1.300
0.18
1000
Brown
*62
±2, ±5, ±10%
50
65 @ 350MHz
1.250
0.20
1000
Blue
*68
±2, ±5, ±10%
50
65 @ 350MHz
1.300
0.20
1000
Red
75
±2, ±5, ±10%
50
60 @ 350MHz
1.100
0.21
1000
White
*82
±2, ±5, ±10%
50
60 @ 350MHz
1.000
0.22
1000
Orange
91
±2, ±5, ±10%
50
50 @ 350MHz
1.000
0.45
1000
White
*100
±2, ±5, ±10%
25
60 @ 350MHz
1.000
0.56
650
Yellow
*120
±2, ±5, ±10%
25
60 @ 350MHz
0.950
0.63
650
Green
*150
±2, ±5, ±10%
25
45 @ 100MHz
0.850
0.70
800
Blue
*180
±2, ±5, ±10%
25
45 @ 100MHz
0.750
0.77
620
Violet
*220
±2, ±5, ±10%
25
45 @ 100MHz
0.700
0.84
500
Gray
*240
±2, ±5, ±10%
25
45 @ 100MHz
0.650
0.88
500
White
*270
±2, ±5, ±10%
25
45 @ 100MHz
0.600
0.91
690
Black
*300
±2, ±5, ±10%
25
45 @ 100MHz
0.585
1.00
450
Brown
*330
±2, ±5, ±10%
25
45 @ 100MHz
0.570
1.05
450
Red
*360
±2, ±5, ±10%
25
45 @ 100MHz
0.530
1.10
470
Orange
*390
±2, ±5, ±10%
25
45 @ 100MHz
0.500
1.12
630
Yellow
*430
±2, ±5, ±10%
25
45 @ 100MHz
0.480
1.15
470
Green
*470
±2, ±5, ±10%
25
45 @ 100MHz
0.450
1.19
470
Blue
*560
±2, ±5, ±10%
25
45 @ 100MHz
0.415
1.33
580
Violet
*620
±2, ±5, ±10%
25
45 @ 100MHz
0.375
1.40
300
Gray
*680
±2, ±5, ±10%
25
45 @ 100MHz
0.375
1.47
540
White
*750
±2, ±5, ±10%
25
45 @ 100MHz
0.360
1.54
360
Black
*820
±2, ±5, ±10%
25
45 @ 100MHz
0.350
1.61
400
Brown
*910
±2, ±5, ±10%
25
35 @ 50MHz
0.320
1.68
380
Red
*1000
±2, ±5, ±10%
25
35 @ 50MHz
0.290
1.75
370
Orange
*1200
±2, ±5, ±10%
7.9
35 @ 50MHz
0.250
2.00
310
Yellow
*1500
±2, ±5, ±10%
7.9
28 @ 50MHz
0.200
2.30
330
Green
*1800
±2, ±5, ±10%
7.9
28 @ 50MHz
0.160
2.60
300
Blue
*2200
±2, ±5, ±10%
7.9
28 @ 50MHz
0.160
2.80
280
Violet
*2700
±2, ±5, ±10%
7.9
22 @ 25MHz
0.140
3.20
290
Gray
*3300
±2, ±5, ±10%
7.9
22 @ 25MHz
0.110
3.40
290
White
*3900
±2, ±5, ±10%
7.9
18 @ 25MHz
0.100
3.60
260
Black
*4700
±2, ±5, ±10%
7.9
18 @ 25MHz
0.090
4.00
260
Brown
5600
±2, ±5, ±10%
7.9
16 @ 7.96MHz
0.020
4.00
240
Red
6800
±2, ±5, ±10%
7.9
15 @ 7.96MHz
0.040
4.90
200
Orange
8200
±2, ±5, ±10%
7.9
15 @ 7.96MHz
0.025
6.00
170
Yellow
10000
±2, ±5, ±10%
2.52
15 @ 7.96MHz
0.020
9.00
150
Green
12000
±2, ±5, ±10%
2.52
15 @ 7.96MHz
0.018
10.5
130
Blue
15000
±2, ±5, ±10%
2.52
15 @ 7.96MHz
0.015
11.5
120
Violet
* Test Method/Instrument: Network/Spectrum Analyzer


Podobny numer części - LCWC0402K101GTAR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OSRAM GmbH
LCWCP7P OSRAM-LCWCP7P Datasheet
565Kb / 21P
   SMD Keramik Geh채use mit Silikonverguss und Linse
LCWCP7P.PC OSRAM-LCWCP7P.PC Datasheet
459Kb / 19P
   SMD ceramic package with silicon resin with lens
LCWCPDP.PC OSRAM-LCWCPDP.PC Datasheet
475Kb / 19P
   SMD ceramic package with silicon resin with lens
LCWCQ7P.CC OSRAM-LCWCQ7P.CC Datasheet
559Kb / 22P
   SMD ceramic package with silicon resin with lens
LCWCQ7P.EC OSRAM-LCWCQ7P.EC Datasheet
1Mb / 27P
   SMT ceramic package with silicone resin and silicone lens
More results

Podobny opis - LCWC0402K101GTAR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MCFT000148 ETC2-MCFT000148 Datasheet
622Kb / 10P
   Wire Wound Chip Inductor
logo
Delta Electronics, Inc.
0805CS DELTA-0805CS Datasheet
488Kb / 5P
   WIRE-WOUND CHIP INDUCTOR
logo
List of Unclassifed Man...
0805CS ETC-0805CS Datasheet
120Kb / 3P
   WIRE WOUND CHIP INDUCTOR CERAMIC
logo
Delta Electronics, Inc.
0402HS-1N0E_TS DELTA-0402HS-1N0E_TS Datasheet
501Kb / 4P
   WIRE-WOUND CHIP INDUCTOR – CERAMIC
logo
Filtran LTD
8432 FILTRAN-8432 Datasheet
176Kb / 5P
   WIRE WOUND Ceramic Chip Inductor
logo
Murata Manufacturing Co...
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NP MURATA-LQH3NP Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PNR47NN0L MURATA-LQH32PNR47NN0L Datasheet
85Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com