Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3TC5217-0BF0 Arkusz danych(PDF) 8 Page - Siemens Semiconductor Group

Numer części 3TC5217-0BF0
Szczegółowy opis  Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3TC5217-0BF0 Arkusz danych(HTML) 8 Page - Siemens Semiconductor Group

Back Button 3TC5217-0BF0 Datasheet HTML 4Page - Siemens Semiconductor Group 3TC5217-0BF0 Datasheet HTML 5Page - Siemens Semiconductor Group 3TC5217-0BF0 Datasheet HTML 6Page - Siemens Semiconductor Group 3TC5217-0BF0 Datasheet HTML 7Page - Siemens Semiconductor Group 3TC5217-0BF0 Datasheet HTML 8Page - Siemens Semiconductor Group 3TC5217-0BF0 Datasheet HTML 9Page - Siemens Semiconductor Group 3TC5217-0BF0 Datasheet HTML 10Page - Siemens Semiconductor Group 3TC5217-0BF0 Datasheet HTML 11Page - Siemens Semiconductor Group 3TC5217-0BF0 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
3RH, 3TH Contactor Relays
3RH1 contactor relays, 4- and 8-pole
3/78
Siemens LV 1 · 2006
Overview
The SIRIUS generation of controls is a complete, modular
system family, logically designed right down to the last detail,
from the basic units to the accessories.
Contactor relays and coupling relays
Size S00 with accessories
AC and DC operation
IEC 60947, EN 60947 (VDE 0660)
The 3RH1 contactor relays are suitable for use in any climate.
They are finger-safe according to EN 50274.
The 3RH1 contactor relays have screw or Cage Clamp
terminals. Four contacts are available in the basic unit.
Contactor relay, see page 3/79
Coupling relay for auxiliary circuits, see page 3/88
Solid-state time-delay block, ON-delay, see page 3/118
Solid-state time delay block, OFF-delay, see page 3/118
Auxiliary switch block with solid-state time delay, see page 3/117
(versions: ON or OFF-delay)
1-pole auxiliary switch block, cable entry from above, see page 3/110
2-pole auxiliary switch block, cable entry from above, see page 3/110
Single-pole auxiliary switch block, cable entry from below, see page 3/110
2-pole auxiliary switch block, cable entry from below, see page 3/110
4-pole auxiliary switch block, see page 3/110
(terminal designations according to EN 50011 or EN 50005)
2-pole auxiliary switch block, standard design or solid-state compatible
version, see page 3/110
(terminal designations according to EN 50005)
Solder pin adapter for contactor relays with 4-pole auxiliary switch block,
see page 3/123
Solder pin adapter for contactor relays and coupling relays, see page 3/122
Additional load module for increasing the permissible residual current,
see page 3/121
Surge suppressor with LED, see page 3/120
Surge suppressor without LED, see page 3/120
8
9
10
11
6
7
5
12
15
16
13
3
4
1
2
14
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16


Podobny opis - 3TC5217-0BF0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
3RH19211CA10 SIEMENS-3RH19211CA10 Datasheet
1Mb / 76P
   Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
logo
PHOENIX CONTACT
102490 PHOENIX-102490 Datasheet
231Kb / 3P
   PLC INTERFACE With Extended Input Voltage and Temperature Range for Railway Applications
logo
Hirose Electric
TJXA HIROSE-TJXA Datasheet
464Kb / 8P
   Interface Connector for Railway Applications
logo
E+E Elektronik Ges.m.b....
EE8915 EPLUSE-EE8915 Datasheet
1Mb / 9P
   CO2 Sensor for Railway Applications
08-2023
logo
Moxa Inc.
E1500 MOXA-E1500 Datasheet
2Mb / 5P
   Ethernet remote I/O for railway applications
logo
PHOENIX CONTACT
PLC-RPT-110UC PHOENIX-PLC-RPT-110UC Datasheet
84Kb / 6P
   PLC-INTERFACE for railway applications, consisting of basic terminal block with push-in connection and plug-in miniature relay with power contact, range: 0.7 x UN to 1.25 x UN, temperature class TX: -40째C to 70째C, 1 PDT, input voltage 110 V DC
PLC-RPT-72UC PHOENIX-PLC-RPT-72UC Datasheet
80Kb / 6P
   PLC-INTERFACE for railway applications, consisting of basic terminal block with push-in connection and plug-in miniature relay with power contact, range: 0.7 x UN to 1.25 x UN, temperature class TX: -40째C to 70째C, 1 PDT, input voltage 72 V DC
logo
XP Power Limited
MTH100 XPPOWER-MTH100 Datasheet
1Mb / 8P
   Designed for Extended Hold-Up Applications
logo
Pulse A Technitrol Comp...
JX0026D21NL PULSE-JX0026D21NL Datasheet
255Kb / 2P
   Extended Temperature products for Industrial Applications
J426 PULSE-J426 Datasheet
255Kb / 2P
   Extended Temperature products for Industrial Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com