Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3TC7814-0EB Arkusz danych(PDF) 5 Page - Siemens Semiconductor Group

Numer części 3TC7814-0EB
Szczegółowy opis  Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3TC7814-0EB Arkusz danych(HTML) 5 Page - Siemens Semiconductor Group

  3TC7814-0EB Datasheet HTML 1Page - Siemens Semiconductor Group 3TC7814-0EB Datasheet HTML 2Page - Siemens Semiconductor Group 3TC7814-0EB Datasheet HTML 3Page - Siemens Semiconductor Group 3TC7814-0EB Datasheet HTML 4Page - Siemens Semiconductor Group 3TC7814-0EB Datasheet HTML 5Page - Siemens Semiconductor Group 3TC7814-0EB Datasheet HTML 6Page - Siemens Semiconductor Group 3TC7814-0EB Datasheet HTML 7Page - Siemens Semiconductor Group 3TC7814-0EB Datasheet HTML 8Page - Siemens Semiconductor Group 3TC7814-0EB Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
3RT, 3RH, 3TB, 3TC, 3TH, 3TK Contactors for Special Applications
3TC Contactors for Switching DC Voltage
1- and 2-pole, 32 ... 400 A
3/75
Siemens LV 1 · 2006
Overview
3TC4 and 3TC5
EN 60947-4-1 (VDE 0660 Part 102)
The contactors are finger-safe according to EN 50274.
Terminal covers may have to be fitted onto the connecting bars,
depending on the configuration with other devices.
The DC motor ratings given in the tables are applicable to the
DC-3 and DC-5 utilization categories with two-pole switching of
the load or with the two conducting paths of the contactor
connected in series.
One contactor conducting path can switch full power up to
220 V. The ratings for higher voltages are available on request.
3TC7
EN 60947-4-1 (VDE 0660 Part 102).
The contactors are suitable for use in any climate. They are
suitable for switching and controlling DC motors as well as all
other DC loads. The electromagnetic excitation is designed for
a particularly wide coil operating range.
It is between 0.7 or 0.8 to 1.2
™ Us.
3TC74 contactors can be used at up to 750V/400A and 50 Hz in
AC-1 operation.
Application
The contactors are suitable for switching and controlling DC
motors as well as all other DC circuits.
A version with an especially large operating range is available
for use in electrically driven vehicles and in switchgear with
significant fluctuations in the operating voltage (see page 3/74).


Podobny opis - 3TC7814-0EB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
3RH19211CA10 SIEMENS-3RH19211CA10 Datasheet
1Mb / 76P
   Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
logo
PHOENIX CONTACT
102490 PHOENIX-102490 Datasheet
231Kb / 3P
   PLC INTERFACE With Extended Input Voltage and Temperature Range for Railway Applications
logo
Hirose Electric
TJXA HIROSE-TJXA Datasheet
464Kb / 8P
   Interface Connector for Railway Applications
logo
E+E Elektronik Ges.m.b....
EE8915 EPLUSE-EE8915 Datasheet
1Mb / 9P
   CO2 Sensor for Railway Applications
08-2023
logo
Moxa Inc.
E1500 MOXA-E1500 Datasheet
2Mb / 5P
   Ethernet remote I/O for railway applications
logo
PHOENIX CONTACT
PLC-RPT-110UC PHOENIX-PLC-RPT-110UC Datasheet
84Kb / 6P
   PLC-INTERFACE for railway applications, consisting of basic terminal block with push-in connection and plug-in miniature relay with power contact, range: 0.7 x UN to 1.25 x UN, temperature class TX: -40째C to 70째C, 1 PDT, input voltage 110 V DC
PLC-RPT-72UC PHOENIX-PLC-RPT-72UC Datasheet
80Kb / 6P
   PLC-INTERFACE for railway applications, consisting of basic terminal block with push-in connection and plug-in miniature relay with power contact, range: 0.7 x UN to 1.25 x UN, temperature class TX: -40째C to 70째C, 1 PDT, input voltage 72 V DC
logo
XP Power Limited
MTH100 XPPOWER-MTH100 Datasheet
1Mb / 8P
   Designed for Extended Hold-Up Applications
logo
Pulse A Technitrol Comp...
JX0026D21NL PULSE-JX0026D21NL Datasheet
255Kb / 2P
   Extended Temperature products for Industrial Applications
J426 PULSE-J426 Datasheet
255Kb / 2P
   Extended Temperature products for Industrial Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com